| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS45 bảng dữ liệu(PDF) 184 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 bảng dữ liệu(HTML) 184 Page - Toshiba Semiconductor |
|
184 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-182 Setting example: 1. This example converts the analog input voltage at the AN3 pin. The INTAD interrupt routine writes the result to memory address 0800H. Main routine setting: 7 6 5 4 3 2 1 0 INTE0AD ← 1 1 0 0 − − − − Enables INTAD and sets level 4. ADMOD1 ← 1 X X X 0 0 1 1 Sets analog input channel to AN3. ADMOD0 ← X X 0 0 0 0 0 1 Starts AD conversion in fixed channel single conversion mode. Example of interrupt routine processing: WA ← ADREG37 Reads ADREG37L and ADREG37H values and writes them to WA (16 bits). WA > > 6 Shifts right WA six times and zero fills the upper bits. (0800H) ← WA Writes contents of WA to memory address 0800H. 2. This example repeatedly converts the analog input voltages at pins AN0 to AN2, using channel scan repeat conversion mode. INTE0AD ← 1 0 0 0 − − − − Disables INTAD. ADMOD1 ← 1 X X X 0 0 1 0 Sets AN0 to AN2 as analog input channels. ADMOD0 ← X X 0 0 0 1 1 1 Starts AD conversion in channel scan repeat conversion mode. X: Don’t care, −: No change |