| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS45 bảng dữ liệu(PDF) 66 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 bảng dữ liệu(HTML) 66 Page - Toshiba Semiconductor |
|
66 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-64 Port 4 Register 7 6 5 4 3 2 1 0 Bit symbol P47 P46 P45 P44 P43 P42 P41 P40 P4 (000CH) Read/Write R/W After reset 1 1 1 1 1 1 1 1 Input mode Port 4 Control Register 7 6 5 4 3 2 1 0 Bit symbol P47C P46C P45C P44C P43C P42C P41C P40C P4CR (000EH) Read/Write W After reset 0 0 0 0 0 0 0 0 Function 0: Input 1: Output Prohibit read- modify- write Port 4 Function Register 7 6 5 4 3 2 1 0 Bit symbol P47F P44F P41F P4FC (0010H) Read/Write W W W After reset 0 0 0 Function 0: Port 1: TO6 0: Port 1: TO4 0: Port 1: TO3 Prohibit read- modify- write Note: P40/TI0, P42/TI4, P43/TI5, P45/TI6, P46/TI7 pin does not have a register changing port/function. For example, when it is used as an input port, the input signal for port is inputted to 8- or 16-bit timer as a timer input. Figure 3.5.12 Register for Port 4 Port 4 I/O setting 0 Input 1 Output Setting P41 as TO3 P4FC<P41F> 1 P4CR<P41C> 1 Setting P44 as TO4 P4FC<P44F> 1 P4CR<P44C> 1 Setting P47 as TO6 P4FC<P47F> 1 P4CR<P47C> 1 |