| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS45 bảng dữ liệu(PDF) 73 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 bảng dữ liệu(HTML) 73 Page - Toshiba Semiconductor |
|
73 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-71 Port 7 Register 7 6 5 4 3 2 1 0 Bit symbol P77 P76 P75 P74 P73 P72 P71 P70 P7 (0013H) Read/Write R/W After reset 1 1 1 1 1 1 1 1 Input mode Port 7 Control Register 7 6 5 4 3 2 1 0 Bit symbol P77C P76C P75C P74C P73C P72C P71C P70C P7CR (0015H) Read/Write W After reset 0 0 0 0 0 0 0 0 Function 0: Input 1: Output Prohibit read- modify- write Port 7 I/O setting 0 Input 1 Output Note: P70/ WAIT pin does not have a register changing port/function. For example, when it is used as and input port, the input signal is inputted as WAIT input. When it is used as WAIT input pin, bit<BmWn> of bus width WAIT control register must be specified. Figure 3.5.21 Register for Port 7 |