| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS45 bảng dữ liệu(PDF) 52 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 bảng dữ liệu(HTML) 52 Page - Toshiba Semiconductor |
|
52 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-50 Table 3.5.2 I/O Registers and Specification (1/2) I/O Register Port Name Specification Pn PnCR PnFC Input port (Note 1) × 0 Output port (Note 1) × 1 Port 0 P00 to P07 AD0 to AD7 bus × × None Input port (Note 1) × 0 0 Output port (Note1) × 1 0 AD8 to AD15 bus (Note 2) × 0 1 Port 1 P10 to P17 AD8 to AD15 output (Note 2) × 1 1 Input port (without pull up) 0 0 0 Input port (with pull up) 1 0 0 Output port × 1 0 A0 to A7 output (Note 1) 0 0 1 Port 2 P20 to P27 A16 to A23 output 0 1 1 Output port (Note 1) × 0 Outputs RD only when accessing external space 1 1 P30 Always outputs RD 0 None 1 Output port (Note 1) × 0 P31 Outputs WR only when accessing external space × None 1 Input port SCK input (without pull up) 0 0 0 Input port SCK input (with pull up) 1 0 0 Output port × 1 0 HWR output (<P32M> = 0) × 1 1 P32 SCK output (<P32M> = 1) × 1 1 Input port × 0 0 Output port × 1 0 P33 SDA I/O, SO output × 1 1 Input port × 0 0 SI input × 0 × Output port × 1 0 P34 SCL I/O × 1 1 Input port/INT0 input (Note 3) × 0 Port 3 P35 Output port × 1 None Input port/TI0/INT × 0 P40 Output port × 1 None Input port × 0 0 Output port × 1 0 P41 TO3 output × 1 1 Input port/TI4/INT4 input × 0 P42 Output port × 1 Input port/TI5/INT5 input × 0 Port 4 P43 Output port × 1 None X: Don’t care, n: Port number Note 1: In the TMP93CS45, these functions are not available. Note 2: In the TMP93CS45, these functions are fixed depending on the value of the AM8/ AM16 pin. Note 3: Using P35 pin as INT0, IIMC register has to be set enable interrupt. |