| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS45 bảng dữ liệu(PDF) 69 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 bảng dữ liệu(HTML) 69 Page - Toshiba Semiconductor |
|
69 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-67 (2) Port 61 (RXD0) and port 64 (RXD1) Port 61 and port 64 are I/O ports, and also used as RXD input pins for serial channels. Figure 3.5.16 Port 61 and Port 64 (3) Port 62 ( CTS0 /SCLK0) and port 65 ( CTS1 /SCLK1) Port 62 and port 65 are I/O ports, and also used as a CTS input pin and as a SCLK I/O pin for serial channels. Figure 3.5.17 Port 62 and Port 65 Direction control (on bit basis) Reset P6CR write P6 read P61 (RXD0) P64 (RXD1) P6 write P-ch Programmable pull up RXD0, RXD1 S Output latch S B Selector A Direction control (on bit basis) Reset P6CR write P6 write P6 read P62 (SCLK0/ CTS0 ) P65 (SCLK1/ CTS1 ) Function control (on bit basis) P6FC write P-ch Programmable pull up SCLK0 OUT SCLK1 OUT S Output latch S B Selector A S A Selector B CTS0 , CTS1 SCLK0, SCLK1 |