| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS45 bảng dữ liệu(PDF) 80 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 bảng dữ liệu(HTML) 80 Page - Toshiba Semiconductor |
|
80 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-78 (1) Example of usage-2 Figure 3.6.3 is an example in which an external memory is connected to the TMP93CS45. In this example, a ROM, RAM, and I/O are connected using 8-bit bus. Figure 3.6.3 Example of External Memory Connection (ROM, RAM and I/O = 8 bits) WAITC0 EQU 68H WAITC1 EQU 69H WAITC2 EQU 6AH LD (WAITC0), XXX10000B ; WAITC0 = 8 bits, 2 waits, 7F00H to 7FFFH LD (WAITC1), XXX11100B ; WAITC1 = 8 bits, 0 waits, 880H to 7EFFH LD (WAITC2), XXX00111B ; WAITC2 = 8 bits, 1 wait, C00000H to FFFFFFH X: Don’t care TMP93CS45 74HC573 Decoder Upper Address ALE A8 to A15 AD0 to AD7 RD WR EA AM8/ AM16 CS 8-bit bus ROM OE CS 8-bit bus RAM OE WE CS 8-bit bus I/O OE WE D Q LE IOCS RAMCS ROMCS Address bus |