| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS45 bảng dữ liệu(PDF) 150 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 bảng dữ liệu(HTML) 150 Page - Toshiba Semiconductor |
|
150 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-148 3.10.2 Serial bus interface (SBI) control The following registers are used for control and operation status monitoring when using the serial bus interface (SBI). • Serial bus interface control register 1 (SBICR1) • Serial bus interface control register 2 (SBICR2) • Serial bus interface control register 3 (SBICR3) • Serial bus interface data buffer register (SBIDBR) • I2C bus address register (I2CAR) • Serial bus interface status register (SBISR) The above registers differ depending on an mode to be used. Refer to section 3.10.4 “I2C Bus Mode Control” and 3.10.6 “Clock Synchronous 8-Bit SIO Mode Control”. 3.10.3 The Data Formats in the I 2C Bus Mode The data formats when using the TMP93CS44/S45 in the I2C bus mode are shown below. (a) Addressing format (b) Addressing format (with restart) (c) Free data format S: Start condition R/ W : Direction bit ACK: Acknowledge bit P: Stop condition Figure 3.10.2 Data Format in the I 2C Bus Mode S Slave address R / W Data A C K A C K Data A C K P 8 bits 1 1 to 8 bits 1 1 to 8 bits 1 1 1 or more S Slave address R / W Data A C K A C K S Slave address R / W Data A C K A C K P 8 bits 1 1 to 8 bits 1 8 bits 1 1 to 8 bits 1 1 1 or more 1 1 or more S Data Data A C K A C K Data A C K P 8 bits 1 1 to 8 bits 1 1 to 8 bits 1 1 1 or more |