công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP93CS45 bảng dữ liệu(PDF) 136 Page - Toshiba Semiconductor

tên linh kiện TMP93CS45
Giải thích chi tiết về linh kiện  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 bảng dữ liệu(HTML) 136 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 133Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 134Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 135Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 136Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 137Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 138Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 139Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 140Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-134
Table 3.9.2 Selection of UART Transfer Rate (1) (when baud rate generator is used)
Unit (kbps)
fc [MHz]
Input Clock
Frequency Divisor
φT0
(4/fc)
φT2
(16/fc)
φT8
(64/fc)
φT32
(256/fc)
1
153.600
38.400
9.600
2.400
2
76.800
19.200
4.800
1.200
4
38.400
9.600
2.400
0.600
8
19.200
4.800
1.200
0.300
9.830400
16
9.600
2.400
0.600
0.150
5
38.400
9.600
2.400
0.600
12.288000
10
19.200
4.800
1.200
0.300
1
230.400
57.600
14.400
3.600
3
76.800
19.200
4.800
1.200
6
38.400
9.600
2.400
0.600
14.745600
12
19.200
4.800
1.200
0.300
7
38.400
9.600
2.400
0.600
17.2032
14
19.200
4.800
1.200
0.300
2
153.600
38.400
9.600
2.400
4
76.800
19.200
4.800
1.200
8
38.400
9.600
2.400
0.600
19.6608
16
19.200
4.800
1.200
0.300
Note 1: Transfer rate in I/O interface mode is 8 times faster than the values given in the above
table.
Note 2: This table is calculated when fc is selected as a system clock, fc/1 as a clock gear, and
the system clock as a prescaler clock.
Table 3.9.3 Selection of UART Transfer Rate (2) (when timer 2 (input clock φT1) is used)
Unit (kbps)
fc
TREG2
19.6608
MHz
14.7456
MHz
12.288
MHz
12
MHz
9.8304
MHz
8
MHz
6.144
MHz
1H
153.6
115.2
96
76.8
62.5
48
2H
76.8
57.6
48
38.4
31.25
24
3H
51.2
38.4
32
31.25
16
4H
38.4
28.8
24
19.2
12
5H
30.72
23.04
19.2
9.6
8H
19.2
14.4
12
9.6
6
AH
15.36
11.52
9.6
4.8
10H
9.6
7.2
6
4.8
3
14H
7.68
5.76
4.8
2.4
How to calculate the transfer rate (when timer 2 is used):
Transfer rate
=
Note 1: Timer 2 match detect signal cannot be used as the transfer clock in I/O interface mode.
Note 2: This table is calculated when fc is selected as a system clock, fc/1 as a clock gear, and
the system clock as a prescaler clock.
The clock frequency selected by the register SYSCR0<PRCK1:0>
TREG2
× 8 × 16
(when timer 2 (input clock
φT1) is used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More