công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD300MLX65C2S bảng dữ liệu(PDF) 4 Page - StarPower Europe AG

tên linh kiện GD300MLX65C2S
Giải thích chi tiết về linh kiện  650V/300A in one-package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STARPOWER [StarPower Europe AG]
Trang chủ  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD300MLX65C2S bảng dữ liệu(HTML) 4 Page - StarPower Europe AG

  GD300MLX65C2S Datasheet HTML 1Page - StarPower Europe AG GD300MLX65C2S Datasheet HTML 2Page - StarPower Europe AG GD300MLX65C2S Datasheet HTML 3Page - StarPower Europe AG GD300MLX65C2S Datasheet HTML 4Page - StarPower Europe AG GD300MLX65C2S Datasheet HTML 5Page - StarPower Europe AG GD300MLX65C2S Datasheet HTML 6Page - StarPower Europe AG GD300MLX65C2S Datasheet HTML 7Page - StarPower Europe AG GD300MLX65C2S Datasheet HTML 8Page - StarPower Europe AG GD300MLX65C2S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GD300MLX65C2S
IGBT Module
©2023 STARPOWER Semiconductor Ltd.
6/30/2023
4/11
B02
D1-D4 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=300A,VGE=0V,Tvj=25
oC
1.55
2.00
V
IF=300A,VGE=0V,Tvj=125
oC
1.60
IF=300A,VGE=0V,Tvj=150
oC
1.60
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=2500A/μs, Ls=41nH,
VGE=-15V,Tvj=25
oC
8.47
μC
IRM
Peak Reverse
Recovery Current
156
A
Erec
Reverse Recovery
Energy
1.37
mJ
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=1800A/μs, Ls=41nH,
VGE=-15V,Tvj=125
oC
15.9
μC
IRM
Peak Reverse
Recovery Current
196
A
Erec
Reverse Recovery
Energy
3.22
mJ
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=1700A/μs, Ls=41nH,
VGE=-15V,Tvj=150
oC
18.9
μC
IRM
Peak Reverse
Recovery Current
203
A
Erec
Reverse Recovery
Energy
3.90
mJ
D5,D6 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=300A,VGE=0V,Tvj=25
oC
1.55
2.00
V
IF=300A,VGE=0V,Tvj=125
oC
1.60
IF=300A,VGE=0V,Tvj=150
oC
1.60
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=3800A/μs, Ls=66nH,
VGE=-15V,Tvj=25
oC
7.24
μC
IRM
Peak Reverse
Recovery Current
64.2
A
Erec
Reverse Recovery
Energy
0.48
mJ
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=3600A/μs, Ls=66nH,
VGE=-15V,Tvj=125
oC
13.0
μC
IRM
Peak Reverse
Recovery Current
81.9
A
Erec
Reverse Recovery
Energy
1.48
mJ
Qr
Recovered Charge
VR=300V,IF=300A,
-di/dt=3500A/μs, Ls=66nH,
VGE=-15V,Tvj=150
oC
14.2
μC
IRM
Peak Reverse
Recovery Current
88.6
A
Erec
Reverse Recovery
Energy
1.64
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com