công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIN6310BBCZ bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện ADIN6310BBCZ
Giải thích chi tiết về linh kiện  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIN6310BBCZ bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button ADIN6310BBCZ Datasheet HTML 35Page - Analog Devices ADIN6310BBCZ Datasheet HTML 36Page - Analog Devices ADIN6310BBCZ Datasheet HTML 37Page - Analog Devices ADIN6310BBCZ Datasheet HTML 38Page - Analog Devices ADIN6310BBCZ Datasheet HTML 39Page - Analog Devices ADIN6310BBCZ Datasheet HTML 40Page - Analog Devices ADIN6310BBCZ Datasheet HTML 41Page - Analog Devices ADIN6310BBCZ Datasheet HTML 42Page - Analog Devices ADIN6310BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
THEORY OF OPERATION
analog.com
Rev. A | 39 of 86
The Layer 2 header follows the SMD, with the destination address
and the source address. A standard Ethernet frame may not have a
VLAN tag; however, a tag can be added by the switch port manage-
ment. TSN streams typically have a VLAN tag, which contains a
priority (PCP) and a 12-bit VLAN ID. The VLAN ID is used with the
destination address to identify the TSN stream in the lookup tables.
In industrial applications, typical frame sizes are less than 1522
bytes (including the VLAN tag). The switch can support reception
and transmission of frames in excess of 1522 bytes; however,
jumbo packets consume larger blocks of buffer memory and Ether-
net CRC robustness degrades significantly for longer frame sizes,
which can result in undetected errors in these frames. Frames in
excess of the default maximum length (1522 bytes) are recorded in
the receiving port statistics as a large frame error.
Figure 27. Ethernet Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com