công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK bảng dữ liệu(PDF) 3 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK
Giải thích chi tiết về linh kiện  7800R4 Series AI Spine Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK bảng dữ liệu(HTML) 3 Page - Arista Networks, Inc

  KIT-7800-RK Datasheet HTML 1Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 2Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 3Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 4Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 5Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Scaling Compute Clusters with 7800R4
Building high performance back-end networks for accelerated computing presents unique problems for designers. Due to the
requirement for non-blocking or better bandwidth between any two accelerators in the cluster, the traditional approach of building
leaf-spine topologies based on fixed systems requires a large number of individual switches as well as a large quantity of optical
transceivers to connect leaf and spine together (2x the number of accelerator ports). Such networks are complex to construct,
configure and maintain and require extensive tuning for maximum performance. Due to relatively low port count of fixed systems, the
maximum achievable scale in two tiers is also limited, requiring migration to a three-tier topology with yet more complexity to continue
to scale.
With up to 576 x 800GbE or 1152 x 400GbE, the 7800R4 series can dramatically simplify back-end networks. Many deployments require
only a single tier (a single switch) to which all accelerators connect, eliminating numerous optics and cables, the complexity of tuning
congestion control protocols and minimzing the number of devices to manage. The large radix of the 7800 also enables two-tier back-
end networks to grow much larger than their fixed system equivalents, with the ability to reach over 160,000 800GbE accelerators in a
non-blocking two-tier topology - around 20x the equivalent fixed system 2-tier maximum, again dramatically reducing cost and
complexity.
7800R4C Series Line Cards
7800R4C Series line cards provide up to 10.8 billion packets per second and 28.8 terabits per second of throughput with a choice of
800G interfaces with support for industry standard optics for both single and multi-mode fiber with the flexibility to enable multi-rate
configurations. Line cards support 100G/200G and 400G breakout ensuring backwards and forwards compatibility and investment
protection. Each line card provides up to 32GB of dynamically assigned packet memory for VOQ ensuring lossless, fair forwarding and
virtually eliminating packet drops in transient congestion scenarios.
7800R4C line cards are optimized for cluster computing, implementing an AI optimized, lower latency and energy conserving pipeline
while maintaining the core non-blocking, lossless forwarding architecture that enables intensive applications to perform to their
maximum.
Supervisor Modules
The supervisor modules for the 7800R4 series run Arista Extensible Operating System (EOS) and handle all control plane and
management functions of the system. One supervisor module is needed to run the system and a second can be added for 1+1
redundancy. The multi-core x86 CPU with 64GB of DRAM and an optional SSD provides the control plane performance needed to run
an advanced data center switch scaling to hundreds of physical ports and thousands of virtual ports.
Fabric Modules
At the heart of the 7800R4 series are the fabric modules which interconnect all line cards in a non-blocking architecture irrespective of
the traffic. Each line card module connects to all fabric modules with multiple links. Data is chopped into cells and sprayed across all
links to fully utilize the fabric capacity. Unlike hash-based selection of fabric links, the cell-based 7800R architecture provides 100%
efficient connectivity from any port to any other port with no drops. Fabric modules are always active-active, provide redundancy and
can be hot-swapped. Fabric modules contain individually serviceable fans for flexible and redundant cooling.
Power Supply Modules
The 7800R4 series switches are equipped with redundant and hot-swappable AC or DC power supplies with an internal variable speed
fan. Each dual-input power supply integrates 1+1 grid redundancy in a choice of 3000W HVAC, HVDC or LVDC formats. AC supplies are
Titanium climate saver rated and have an efficiency of over 94% with single stage conversion to the internal 12V DC voltage. DC
supplies are available to suit either -40 to -72V or 240 to 380V direct current inputs.
7800R4 Series | Platform Overview
7800R4C-36PE series: 36 port 800G OSFP line card
- Up to 36 800G ports per line card or 72 400G ports
- 28.8 Tbps of forwarding and 10.8 Bpps with 32GB of buffer
- Optimized for compute clusters



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com