công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIT-7800-RK bảng dữ liệu(PDF) 4 Page - Arista Networks, Inc

tên linh kiện KIT-7800-RK
Giải thích chi tiết về linh kiện  7800R4 Series AI Spine Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7800-RK bảng dữ liệu(HTML) 4 Page - Arista Networks, Inc

  KIT-7800-RK Datasheet HTML 1Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 2Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 3Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 4Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 5Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 6Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 7Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 8Page - Arista Networks, Inc KIT-7800-RK Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7800R4 Series | Technical Specifications
Chassis
DCS-7816L
DCS-7812
Supervisor slots
2
2
Linecard Slots
16
12
Fabric Module Slots
6
6
Power Supply Slots
(Max Power Budget)
24 (72 kW)
18 (54 kW)
Physical Dimensions (HxWxD)
55.6 x 17.4 x 37”
(141.3 x 44.1 x 94 cm)
39.9 x 17.4 x 37"
(101.3 x 44.1 x 94 cm)
Rack Units
32
23
Weight (Chassis Only)
483 lbs (219 kg)
355 lbs (161 kg)
Weight (Full System)
TBD
1070 lbs (485 kg)
Maximum 800G Density 1
576
432
Maximum 400G Density 1
1152
864
Maximum 100G Density 1
4608
3456
Maximum Throughput (FDX)
460 (920) Tbps
345 (690) Tbps
Max Power Consumption 2
TBD
TBD
Typical Airflow 3
TBD
TBD
Max Airflow 3
TBD
TBD
1. Maximum density values based on per line card breakout with appropriate cables/transceivers and subject to EOS Scale
2. System maximum internal power calculated at 40C ambient with 100% load on all ports. Excludes optics power as this is a significant variable for 100G and 400G.
3. Typical airflow: default PSUs, 1x supervisor, full-fill of 7800R4AK-36DM-LC at 25C, sea level. Max airflow: 40C+3km, 100% load, all line cards, supervisors and PSUs
installed.
Chassis
DCS-7808
DCS-7804
Supervisor slots
2
2
Linecard Slots
8
4
Fabric Module Slots
6
6
Power Supply Slots
(Max Power Budget)
12 (36 kW)
8 (24 kW)
Physical Dimensions (HxWxD)
27.7 x17.4 x 37.0"
(70.3 x 44.1 x 94 cm)
17.2 x 17.4 x 37.0”
(43.6 x 44.1 x 94 cm)
Rack Units
16
10
Weight (Chassis Only)
222 lbs (101 kg)
163 lbs (74 kg)
Weight (Full System)
800 lbs (363 kg)
640 lbs (291 kg)
Maximum 800G Density 1
288
144
Maximum 400G Density 1
576
288
Maximum 100G Density 1
2304
1152
Maximum Throughput (FDX)
230 (460) Tbps
115 (230) Tbps
Max Power Consumption 2
TBD
TBD
Typical Airflow 3
TBD
TBD
Max Airflow 3
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com