| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KIT-7800-RK bảng dữ liệu(PDF) 2 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
KIT-7800-RK bảng dữ liệu(HTML) 2 Page - Arista Networks, Inc |
|
2 / 9 page ![]() System Overview The 7800R4 Series offers architectural consistency to the 7800R3 and 7280R3 Series that ensures long term investment protection with support for deterministic fair delivery, flexible scale and open programmability. The following 7800R4 chassis options are available, each supporting HVAC, HVDC and LVDC power options: • 7816LR a 16-slot 32RU chassis that supports up to 16 line cards • 7812R a 12-slot 23RU chassis that supports up to 12 line cards • 7808R an 8-slot 16 RU chassis that supports up to 8 line cards • 7804R a 4-slot 10 RU chassis that supports up to 4 line cards 7800R4 systems equipped with R4C line cards are optimized for scaling high capacity AI/ML and HPC clusters as either a single tier interconnect or as a spine switch for two-tier cluster interconnects. Maximizing the radix of connectivity in a single device while minimizing power per Gbps means the 7800R4 series offers the best value and best application performance compared to multiple tiers of fixed systems. 7800R4 Fully Scheduled Lossless Network Performance The Arista 7800R Series are purpose built multi-chip systems with fully distributed end to end scheduling and coordination - even in the largest 16-slot, 576x 800GbE variant, the platform operates like a single extremely large switching chip that is 100% internally lossless and fair. Four advanced technologies converge to this highly desirable architecture: • Cell-based fabric - mitigates elephant and mice flows with uniform cells sprayed across all fabric links for 100% efficiency • Virtual Output Queues (VOQ) - invokes ingress virtual queues to every egress port, eliminating head of line blocking (HOLB) • Distributed Credit Scheduling - ensures all egress ports are independent eliminating HOLB and noisy neighbour issues • Deep Buffering - easily handles incast, bursts and speed mismatches without packet loss, keeping TCP running efficiently This advanced architecture enables the Arista 7800R to handle the most demanding workloads with ease. AI clusters, data centers and Service Provider networks all benefit from the 7800R family’s ability to handle high bandwidth low entropy traffic, mixed traffic loads, real-time, multicast, and storage traffic while still delivering low latency and non-blocking performance. 7800R4 Series Chassis - 16-Slot, 12-slot, 8-slot and 4-slot The 7800R Series chassis each provide room for two supervisor modules, four, eight, twelve or sixteen line card modules, grid redundant power supplies and five fabric modules. Supervisor and line card modules plug in from the front, along with the power supplies while the fabric modules are inserted from the rear. The system uses a mid-plane-less design for direct and consistent connectivity from all line cards to all fabric modules providing identical capacity to all line card slots in addition to control plane connectivity to each of the fabric and line card modules. The systems are optimized for data center deployments with front-to-rear airflow and support dual-input, internally redundant, HVAC, HVDC or LVDC power supplies. Existing 7800R3 systems may be upgraded to 7800R4 specification with R4 fabric modules and line cards. 7800R4 Series | Platform Overview 7700R4 Series Fully Scheduled Architecture |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |