| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA4VM21 bảng dữ liệu(PDF) 101 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 bảng dữ liệu(HTML) 101 Page - Texas Instruments |
|
101 / 331 page ![]() 5.3.12 ECAP 5.3.12.1 MAIN Domain Table 5-63. ECAP0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] ECAP0_IN_APWM_OUT Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO P24, U2 Table 5-64. ECAP1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] ECAP1_IN_APWM_OUT Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO R24, V6 Table 5-65. ECAP2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] ECAP2_IN_APWM_OUT Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO R28, V5 5.3.13 EQEP 5.3.13.1 MAIN Domain Table 5-66. EQEP0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EQEP0_A EQEP Quadrature Input A I AC2 EQEP0_B EQEP Quadrature Input B I AB1 EQEP0_I EQEP Index IO AD5 EQEP0_S EQEP Strobe IO AC4 Table 5-67. EQEP1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EQEP1_A EQEP Quadrature Input A I AD23 EQEP1_B EQEP Quadrature Input B I AH24 EQEP1_I EQEP Index IO AJ25 EQEP1_S EQEP Strobe IO AG21 Table 5-68. EQEP2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EQEP2_A EQEP Quadrature Input A I T27 EQEP2_B EQEP Quadrature Input B I T24 EQEP2_I EQEP Index IO P23 EQEP2_S EQEP Strobe IO R28 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 101 Product Folder Links: TDA4VM-Q1 TDA4VM |