| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA4VM21 bảng dữ liệu(PDF) 82 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 bảng dữ liệu(HTML) 82 Page - Texas Instruments |
|
82 / 331 page ![]() Table 5-7. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_5 General Purpose Input/Output IO AH23 GPIO0_6 General Purpose Input/Output IO AD20 GPIO0_7 General Purpose Input/Output IO AD22 GPIO0_8 General Purpose Input/Output IO AE20 GPIO0_9 General Purpose Input/Output IO AJ20 GPIO0_10 General Purpose Input/Output IO AG20 GPIO0_11 General Purpose Input/Output IO AD21 GPIO0_12 General Purpose Input/Output IO AF24 GPIO0_13 General Purpose Input/Output IO AJ24 GPIO0_14 General Purpose Input/Output IO AG24 GPIO0_15 General Purpose Input/Output IO AD24 GPIO0_16 General Purpose Input/Output IO AC24 GPIO0_17 General Purpose Input/Output IO AE24 GPIO0_18 General Purpose Input/Output IO AJ21 GPIO0_19 General Purpose Input/Output IO AE21 GPIO0_100 General Purpose Input/Output IO W28 GPIO0_101 General Purpose Input/Output IO V25 GPIO0_102 General Purpose Input/Output IO W27 GPIO0_103 General Purpose Input/Output IO W29 GPIO0_104 General Purpose Input/Output IO W26 GPIO0_105 General Purpose Input/Output IO Y29 GPIO0_106 General Purpose Input/Output IO Y27 GPIO0_107 General Purpose Input/Output IO W24 GPIO0_108 General Purpose Input/Output IO W25 GPIO0_109 General Purpose Input/Output IO V26 GPIO0_110 General Purpose Input/Output IO V24 GPIO0_111 General Purpose Input/Output IO AA2 GPIO0_112 General Purpose Input/Output IO Y4 GPIO0_113 General Purpose Input/Output IO AA1 GPIO0_114 General Purpose Input/Output IO AB5 GPIO0_115 General Purpose Input/Output IO AA3 GPIO0_116 General Purpose Input/Output IO Y3 GPIO0_117 General Purpose Input/Output IO W4 GPIO0_118 General Purpose Input/Output IO Y1 GPIO0_119 General Purpose Input/Output IO Y5 GPIO0_120 General Purpose Input/Output IO Y2 GPIO0_121 General Purpose Input/Output IO AB2 GPIO0_122 General Purpose Input/Output IO AB3 GPIO0_123 General Purpose Input/Output IO AC2 GPIO0_124 General Purpose Input/Output IO AB1 GPIO0_125 General Purpose Input/Output IO AA4 GPIO0_126 General Purpose Input/Output IO AB4 GPIO0_127 General Purpose Input/Output IO AC4 GPIO0_20 General Purpose Input/Output IO AH21 TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 82 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |