| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA4VM21 bảng dữ liệu(PDF) 93 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 bảng dữ liệu(HTML) 93 Page - Texas Instruments |
|
93 / 331 page ![]() Table 5-43. MCSPI5 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] SPI5_CS0 SPI Chip Select 0 IO W27 SPI5_CS1 SPI Chip Select 1 IO W25 SPI5_CS2 SPI Chip Select 2 IO W28 SPI5_CS3 SPI Chip Select 3 IO W23 SPI5_D0 SPI Data 0 IO V25 SPI5_D1 SPI Data 1 IO W24 Table 5-44. MCSPI6 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] SPI6_CLK SPI Clock IO AC22 SPI6_CS0 SPI Chip Select 0 IO AC21 SPI6_CS1 SPI Chip Select 1 IO AG20 SPI6_CS2 SPI Chip Select 2 IO AD21 SPI6_CS3 SPI Chip Select 3 IO AF21 SPI6_D0 SPI Data 0 IO AJ22 SPI6_D1 SPI Data 1 IO AH22 Table 5-45. MCSPI7 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] SPI7_CLK SPI Clock IO U3 SPI7_CS0 SPI Chip Select 0 IO U2 SPI7_CS1 SPI Chip Select 1 IO AB3 SPI7_CS2 SPI Chip Select 2 IO AA4 SPI7_CS3 SPI Chip Select 3 IO AB4 SPI7_D0 SPI Data 0 IO V6 SPI7_D1 SPI Data 1 IO V5 5.3.7.2 MCU Domain Table 5-46. MCSPI0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_SPI0_CLK SPI Clock IO E27 MCU_SPI0_CS0 SPI Chip Select 0 IO E25 MCU_SPI0_CS1 SPI Chip Select 1 IO C23, G29 MCU_SPI0_CS2 SPI Chip Select 2 IO E22, H29 MCU_SPI0_CS3 SPI Chip Select 3 IO G25 MCU_SPI0_D0 SPI Data 0 IO E24 MCU_SPI0_D1 SPI Data 1 IO E28 Table 5-47. MCSPI1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_SPI1_CLK SPI Clock IO F26 MCU_SPI1_CS0 SPI Chip Select 0 IO F27 MCU_SPI1_CS1 SPI Chip Select 1 O G22, H28 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 93 Product Folder Links: TDA4VM-Q1 TDA4VM |