công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C8051F337 bảng dữ liệu(PDF) 24 Page - Silicon Laboratories

tên linh kiện C8051F337
Giải thích chi tiết về linh kiện  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 bảng dữ liệu(HTML) 24 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 20Page - Silicon Laboratories C8051F337 Datasheet HTML 21Page - Silicon Laboratories C8051F337 Datasheet HTML 22Page - Silicon Laboratories C8051F337 Datasheet HTML 23Page - Silicon Laboratories C8051F337 Datasheet HTML 24Page - Silicon Laboratories C8051F337 Datasheet HTML 25Page - Silicon Laboratories C8051F337 Datasheet HTML 26Page - Silicon Laboratories C8051F337 Datasheet HTML 27Page - Silicon Laboratories C8051F337 Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 234 page
background image
C8051F336/7/8/9
24
Rev. 0.2
1.7.
10-Bit Analog to Digital Converter
The C8051F336/8 devices include an on-chip 10-bit SAR ADC with a differential input multiplexer. With a
maximum throughput of 200 ksps, the ADC offers true 10-bit linearity with an INL and DNL of ±1 LSB. The
ADC system includes a configurable analog multiplexer that selects both positive and negative ADC
inputs. Up to twenty port I/O pins are available as an ADC inputs; additionally, the on-chip Temperature
Sensor output and the power supply voltage (VDD) are available as ADC inputs. User firmware may shut
down the ADC to save power.
Conversions can be started in six ways: a software command, an overflow of Timer 0, 1, 2, or 3, or an
external convert start signal. This flexibility allows the start of conversion to be triggered by software
events, a periodic signal (timer overflows), or external HW signals. Conversion completions are indicated
by a status bit and an interrupt (if enabled). The resulting 10-bit data word is latched into the ADC data
SFRs upon completion of a conversion.
Window compare registers for the ADC data can be configured to interrupt the controller when ADC data is
either within or outside of a specified range. The ADC can monitor a key voltage continuously in back-
ground mode, but not interrupt the controller unless the converted data is within/outside the specified
range.
10-Bit
SAR
ADC
Timer 1 Overflow
CNVSTR Input
Timer 3 Overflow
(+)
(-)
Configuration, Control, and Data Registers
AMUX
Temp
Sensor
AMUX
VDD
P0.0
P2.3
VREF
Analog Multiplexer
Timer 0 Overflow
Timer 2 Overflow
Start
Conversion
000
AD0BUSY (W)
001
010
011
100
101
16
Window Compare
Logic
Window
Compare
Interrupt
ADC Data
Registers
End of
Conversion
Interrupt
GND
P0.0
P2.3
Figure 1.8. 10-Bit ADC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com