công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C8051F337 bảng dữ liệu(PDF) 16 Page - Silicon Laboratories

tên linh kiện C8051F337
Giải thích chi tiết về linh kiện  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 bảng dữ liệu(HTML) 16 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 12Page - Silicon Laboratories C8051F337 Datasheet HTML 13Page - Silicon Laboratories C8051F337 Datasheet HTML 14Page - Silicon Laboratories C8051F337 Datasheet HTML 15Page - Silicon Laboratories C8051F337 Datasheet HTML 16Page - Silicon Laboratories C8051F337 Datasheet HTML 17Page - Silicon Laboratories C8051F337 Datasheet HTML 18Page - Silicon Laboratories C8051F337 Datasheet HTML 19Page - Silicon Laboratories C8051F337 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 234 page
background image
C8051F336/7/8/9
16
Rev. 0.2
1.
System Overview
C8051F336/7/8/9 devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features
are listed below. Refer to Table 2.1 for specific product feature selection and part ordering numbers.
•
High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)
•
In-system, full-speed, non-intrusive debug interface (on-chip)
•
True 10-bit 200 ksps 20-channel single-ended/differential ADC with analog multiplexer
•
10-bit Current Output DAC
•
Precision programmable 24.5 MHz internal oscillator
•
Low-power, low-frequency oscillator
•
16 kB of on-chip Flash memory—512 bytes are reserved
•
768 bytes of on-chip RAM
•
SMBus/I2C, Enhanced UART, and Enhanced SPI serial interfaces implemented in hardware
•
Four general-purpose 16-bit timers
•
Programmable Counter/Timer Array (PCA) with three capture/compare modules and Watchdog Timer
function
•
On-chip Power-On Reset, VDD Monitor, and Temperature Sensor
•
On-chip Voltage Comparator
•
21 or 17 Port I/O (5 V tolerant)
•
Low-power suspend mode with fast wake-up time
With on-chip Power-On Reset, VDD monitor, Watchdog Timer, and clock oscillator, the C8051F336/7/8/9
devices are truly stand-alone System-on-a-Chip solutions. The Flash memory can be reprogrammed even
in-circuit, providing non-volatile data storage, and also allowing field upgrades of the 8051 firmware. User
software has complete control of all peripherals, and may individually shut down any or all peripherals for
power savings.
The on-chip Silicon Labs 2-Wire (C2) Development Interface allows non-intrusive (uses no on-chip
resources), full speed, in-circuit debugging using the production MCU installed in the final application. This
debug logic supports inspection and modification of memory and registers, setting breakpoints, single
stepping, run and halt commands. All analog and digital peripherals are fully functional while debugging
using C2. The two C2 interface pins can be shared with user functions, allowing in-system debugging with-
out occupying package pins.
Each device is specified for 2.7 to 3.6 V operation over the industrial temperature range (–40 to +85 °C).
The Port I/O and RST pins are tolerant of input signals up to 5 V. The C8051F336/7 are available in a 20-
pin QFN package and the C8051F338/9 are available in a 24-pin QFN package. Both package options are
lead-free and RoHS compliant. See Table 2.1 for ordering information. Block diagrams are included in
Figure 1.1 and Figure 1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com