công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C8051F337 bảng dữ liệu(PDF) 47 Page - Silicon Laboratories

tên linh kiện C8051F337
Giải thích chi tiết về linh kiện  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 bảng dữ liệu(HTML) 47 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 43Page - Silicon Laboratories C8051F337 Datasheet HTML 44Page - Silicon Laboratories C8051F337 Datasheet HTML 45Page - Silicon Laboratories C8051F337 Datasheet HTML 46Page - Silicon Laboratories C8051F337 Datasheet HTML 47Page - Silicon Laboratories C8051F337 Datasheet HTML 48Page - Silicon Laboratories C8051F337 Datasheet HTML 49Page - Silicon Laboratories C8051F337 Datasheet HTML 50Page - Silicon Laboratories C8051F337 Datasheet HTML 51Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 234 page
background image
Rev. 0.2
47
C8051F336/7/8/9
7.2.3. Settling Time Requirements
A minimum tracking time is required before each conversion to ensure that an accurate conversion is per-
formed. This tracking time is determined by any series impedance, including the AMUX0 resistance, the
the ADC0 sampling capacitance, and the accuracy required for the conversion. Note that in low-power
tracking mode, three SAR clocks are used for tracking at the start of every conversion. For many applica-
tions, these three SAR clocks will meet the minimum tracking time requirements.
Figure 7.3 shows the equivalent ADC0 input circuits for both Differential and Single-ended modes. Notice
that the equivalent time constant for both input circuits is the same. The required ADC0 settling time for a
given settling accuracy (SA) may be approximated by Equation 7.1. When measuring the Temperature
Sensor output or VDD with respect to GND, RTOTAL reduces to RMUX. See Table 6.8 for ADC0 minimum
settling time requirements as well as the mux impedance and sampling capacitor values.
t
2
n
SA
-------
⎝⎠
⎛⎞
R
TOTALCSAMPLE
×
ln
=
Equation 7.1. ADC0 Settling Time Requirements
Where:
SA is the settling accuracy, given as a fraction of an LSB (for example, 0.25 to settle within 1/4 LSB)
t is the required settling time in seconds
RTOTAL is the sum of the AMUX0 resistance and any external source resistance.
n is the ADC resolution in bits (10).
RMUX
RCInput= RMUX * CSAMPLE
RMUX
CSAMPLE
CSAMPLE
MUX Select
MUX Select
Differential Mode
Px.x
Px.x
RMUX
CSAMPLE
RCInput= RMUX * CSAMPLE
MUX Select
Single-Ended Mode
Px.x
Figure 7.3. ADC0 Equivalent Input Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com