| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLE bảng dữ liệu(PDF) 8 Page - Winchester Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
SLE bảng dữ liệu(HTML) 8 Page - Winchester Electronics Corporation |
|
8 / 93 page ![]() DIMENSIONS Wt. Fits A B C D E F G Oz. Connector MRE9H-1 .28 1.28 1.63 1.31 .44 .31D – .3 MRE9H-9 .28 1.28 1.61 1.31 .44 .59 .31 .3 MRAC9 (P or S) MRE14H-1 .28 1.28 1.69 1.25 .5 .38D – .3 MRE14H-9 .28 1.28 1.55 1.25 .5 .59 .38 .3 MRAC14 (P or S) MRE18H-1 .28 1.28 1.75 1.31 .63 .44D – .3 MRE18H-9 .28 1.28 1.81 1.31 .63 .69 .44 .3 MRAC18 (P or S) MRE20H-1 .28 1.28 2 1.56 .5 .38D – .3 MRE20H-9 .28 1.28 1.86 1.56 .5 .66 .38 .3 MRAC20 (P or S) MRE26H-1 .28 1.28 2.06 1.63 .64 .59 .38 .4 MRE26H-9 .28 1.28 2.13 1.63 .64 .78 .44 .4 MRAC26 (P or S) MRE34H-1 .28 1.25 2.42 2 .83 .66D – .6 MRE34H-9 .28 1.25 – 2 .83 .81 .56 .6 MRAC34 (P or S) MRE41H-1 .28 1.25 3.06 2.63 .5 .66 .44 .6 MRAC41 (P or S) MRE42H-1 .09 1.30 2.73 2.31 .83 .63 .5 .7 MRE42H-9 .09 1.30 – 2.31 .83 .84 .56 .7 MRAC42 (P or S) MRE50H-1 .09 1.30 3.02 2.59 .83 .63 .5 .8 MRE50H-9 .09 1.30 – 2.59 .83 1.06 .56 .8 MRAC50 (P or S) MRE75H-1 .09 1.31 3.02 2.59 1.19 .63 .88 1.0 MRE75H-9 .09 1.31 – 2.59 1.19 1 .88 1.0 MRAC75 (P or S) Dimensions are for reference only and are subject to change. Outline drawings on request. Hoods shown are MRE Hoods for use with MRAC Connectors Code No. Cable Opening Code No. Cable Opening Top Cable Opening Side Cable Opening Formed Hoods for MRAC Connectors are available in top and side opening for most MRAC Connectors - Deep Drawn Hoods are available for MRAC 34, MRAC 66 and MRAC 104 connectors ... providing additional strength. Hoods and cable clamps are of anodized aluminum. They provide support and strain relief for the cable and may be applied to either Plug or Receptacle. Hoods may be ordered separately (see code numbers in the tables below) or assembled on connectors. DIMENSIONS Wt. Fits A B C D E F G Oz. Connector MRE9H-13 .28 1.28 1.58 1.31 .44 .59 .31 .3 MRAC9 (P or S) MRE14H-13 .28 1.28 1.58 1.25 .5 .59 .38 .3 MRAC14 (P or S) MRE18H-13 .28 1.28 1.78 1.31 .63 .61 .44 .3 MRAC18 (P or S) MRE20H-13 .28 1.28 1.58 1.56 .5 .66 .38 .3 MRAC20 (P or S) MRE26H .28 1.28 1.72 1.63 .64 .59 .38 .4 MRE26H-8 .28 1.28 1.78 1.63 .64 .78 .44 .4 MRAC26 (P or S) MRE34H .28 1.25 1.69 2 .83 .66D – .6 MRE34H-8 .28 1.25 1.75 2 .83 1.06 .56 .6 MRAC34 (P or S) MRE41H .28 1.25 1.69 2.63 .5 .66 .44 .6 MRAC41 (P or S) MRE42H .09 1.30 1.73 2.31 .83 .63D – .7 MRE42H-8 .09 1.30 1.80 2.31 .83 1.06 .56 .7 MRAC42 (P or S) MRE50H .09 1.30 1.73 2.59 .83 .63D – .8 MRE50H-8 .09 1.30 1.80 2.59 .83 1.06 .56 .8 MRAC50 (P or S) MRE75H .09 1.31 1.75 2.59 1.19 .63 .88 1.0 MRE75H-8 .09 1.31 1.86 2.59 1.19 1 .88 1.0 MRAC75 (P or S) Miniature Rectangular, Removable Contacts MRAC Series Outline Formed Aluminum Hoods Dimensions RP / 8 www.winconn.com |