| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLE bảng dữ liệu(PDF) 41 Page - Winchester Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
SLE bảng dữ liệu(HTML) 41 Page - Winchester Electronics Corporation |
|
41 / 93 page ![]() Dimensions are for reference only and are subject to change. Outline drawings on request. Top Cable Opening MRE 7H-1 .28 1.28 1.53 1.22 .44 .31D – .3 MRE 7 (P or S) MRE 8H-1 .28 1.28 1.13 .81 .44 .25 – .2 MRE 8 (P or S) MRE 8H-9 .28 1.28 1.13 .81 .44 .59 .31 .2 MRE 8 (P or S) MRE 9H-1 .28 1.28 1.63 1.31 .44 .31D – .3 MRE 9 (P or S) MRE 9H-9 .28 1.28 1.61 1.31 .44 .59 .31 .3 MRE 9 (P or S) MRE 14H-1 .28 1.28 1.69 1.25 .5 .38D – .3 MRE 14 (P or S) MRE 14H-9 .28 1.28 1.55 1.25 .5 .59 .38 .3 MRE 14 (P or S) MRE 18H-1 .28 1.28 1.75 1.31 .63 .44D – .3 MRE 18 (P or S) MRE 18H-9 .28 1.28 1.81 1.31 .63 .69 .44 .3 MRE 18 (P or S) MRE 20H-1 .28 1.28 2 1.56 .5 .38D – .3 MRE 20 (P or S) MRE 20H-9 .28 1.28 1.86 1.56 .5 .66 .38 .3 MRE 20 (P or S) MRE 21H-1 .28 1.28 2.69 2.25 .44 .53 .25 .5 MRE 21 (P or S) MRE 21H-9 .28 1.28 2.72 2.25 .44 .78 .31 .5 MRE 21 (P or S) MRE 26H-1 .28 1.28 2.06 1.63 .64 .59 .38 .4 MRE 26 (P or S) MRE 26H-9 .28 1.28 2.13 1.63 .64 .78 .44 .4 MRE 26 (P or S) MRE 34H-1 .28 1.25 2.42 2 .83 .66D – .6 MRE 34 (P or S) MRE 34H-9 .28 1.25 – 2 .83 .81 .56 .6 MRE 34 (P or S) MRE 41H-1 .28 1.25 3.06 2.63 .5 .66 .44 .6 MRE 41 (P or S) MRE 42H-1 .09 1.30 2.73 2.31 .83 .63 .5 .7 MRE 42 (P or S) MRE 42H-9 .09 1.30 – 2.31 .83 .84 .56 .7 MRE 42 (P or S) MRE 50H-1 .09 1.30 3.02 2.59 .83 .63 .5 .8 MRE 50 (P or S) MRE 50H-9 .09 1.30 – 2.59 .83 1.06 .56 .8 MRE 50 (P or S) MRE 75H-1 .09 1.31 3.02 2.59 1.19 .63 .88 1.0 MRE 75 (P or S) MRE 75H-9 .09 1.31 – 2.59 1.19 1 .88 1.0 MRE 75 (P or S) MRA104H-9 FOR DIMENSIONS SEE PAGE RP/36 Code No. Dimensions Cable Opening Wt. Oz. Fits Connector AB C D E F G Code No. Dimensions Cable Opening Wt. Oz. Fits Connector AB C D E F G MRE 7H* .28 1 1.31 1.22 .44 .31D – .3 MRE 7 (P or S) MRE 7H-8 .28 1 1.30 1.22 .44 .59 .31 .3 MRE 7 (P or S) MRE 8H* .28 1 1.31 .81 .44 .25D – .2 MRE 8 (P or S) MRE 8H-8 .28 1 1.30 .81 .44 .31D – .2 MRE 8 (P or S) MRE 9H* .28 1 1.31 1.31 .44 .31D – .3 MRE 9 (P or S) MRE 9H-8 .28 1 1.30 1.31 .44 .59 .31 .3 MRE 9 (P or S) MRE 14H* .28 .75 1.19 1.25 .5 .44D – .3 MRE 14 (P or S) MRE 14H-8 .28 .75 1.05 1.25 .5 .59 .38 .3 MRE 14 (P or S) MRE 18H* .28 .75 1.19 1.31 .63 .44D – .4 MRE 18 (P or S) MRE 18H-8 .28 .75 1.25 1.31 .63 .63 .44 .4 MRE 18 (P or S) MRE 20H* .25 .75 1.19 1.56 .5 .44D – .3 MRE 20 (P or S) MRE 20H-8 .25 .75 1.05 1.56 .5 .66 .38 .3 MRE 20 (P or S) MRE 21H .28 .91 1.34 2.25 .44 .59 .31 .5 MRE 21 (P or S) MRE 21H-8 .28 .91 1.36 2.25 .44 .78 .31 .5 MRE 21 (P or S) MRE 26H .28 1.28 1.72 1.63 .64 .59 .38 .4 MRE 26 (P or S) MRE 26H-8 .28 1.28 1.78 1.63 .64 .78 .44 .4 MRE 26 (P or S) MRE 34H .28 1.25 1.69 2 .83 .66D – .6 MRE 34 (P or S) MRE 34H-8 .28 1.25 1.75 2 .83 1.06 .56 .6 MRE 34 (P or S) MRE 41H .28 1.25 1.69 2.63 .5 .66 .44 .6 MRE 41 (P or S) MRE 42H .09 1.30 1.73 2.31 .83 .63D – .7 MRE 42 (P or S) MRE 42H-8 .09 1.30 1.80 2.31 .83 1.06 .56 .7 MRE 42 (P or S) MRE 50H .09 1.30 1.73 2.59 .83 .63D – .8 MRE 50 (P or S) MRE 50H-8 .09 1.30 1.80 2.59 .83 1.06 .56 1.8 MRE 50 (P or S) MRE 75H .09 1.31 1.75 2.59 1.19 .63 .88 1.0 MRE 75 (P or S) MRE 75H-8 .09 1.31 1.86 2.59 1.19 1 .88 1.0 MRE 75 (P or S) MRA104H FOR DIMENSIONS SEE PAGE RP/36 * H Hoods for MRE 7, 8, 9, 14, 18 and 20 will not accept JTC hardware. Use H8 hoods. Side Cable Opening MRE Series RP / 4 1 www.winconn.com Outline Hoods- Formed Aluminum Dimensions |