| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLE bảng dữ liệu(PDF) 77 Page - Winchester Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
SLE bảng dữ liệu(HTML) 77 Page - Winchester Electronics Corporation |
|
77 / 93 page ![]() Molded diallyl phthalate cable hoods protect soldered wires and facilitate disengagement of connectors. Cable clamps provide additional strain relief and support. They are supplied on hoods with “ C” in the code number. Clamps are cadmium plated with olive drab iridite finish. Anodized aluminum hoods are precision machined from bar stock to give greater strength than die cast units. Cable clamps are machined as an integral part of the connector. The set screw prevents accidental disassembly from vibration, etc. A polyethylene sleeve liner provides added insulation in the terminal area. C standard hoods hood with cable clamps H9, H10, H19 M12H modified hoods H9C, H10C, H19C, H19CS special hoods special hood with cable clamps Used on Connectors M5, M7, M9, M10 H9S, H19S HG9, HG18 aluminum hoods HG9C A SLOT 0.38 WIDE F E D B .38 .438 WIDE x .313 HIGH CABLE OPENING 1.125 MAX. 1.188 C F E D B A CABLE OPENING F D B A CABLE OPENING .14 CABLE OPENING .66 B C D F A CABLE OPENING 1.438 WHEN CONNECTED 1.00 .19 .56 DIA 4-40 SET SCREW .94 SET SCREW (4-40) H14 For M4 H16 For M5, M7, M9, M10 .22 CABLE OPENING .66 .25 CABLE OPENING 1.188 WHEN CONNECTED .83 C 1.375 Dimensions are for reference only and are subject to change. Outline drawings on request. 1/2 -20 NF2 M Series RP / 77 www.winconn.com Molded Diallyl Phthalate and Aluminum Hoods Outline |