| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLE bảng dữ liệu(PDF) 31 Page - Winchester Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
SLE bảng dữ liệu(HTML) 31 Page - Winchester Electronics Corporation |
|
31 / 93 page ![]() Winchester Electronics Code No. Dimensions Cable Opening Wt. Oz. Fits Connector AB C D E F G MRE 9H* .28 1 1.31 1.31 .44 .31D – .3 MRA 9 (P or S) MRE 9H-8 .28 1 1.30 1.31 .44 .31 .59 .3 MRA 9 (P or S) MRE 14H* .28 .75 1.19 1.25 .5 .44D – .3 MRA 14 (P or S) MRE 14H-8 .28 .75 1.05 1.25 .5 .38 .59 .3 MRA 14 (P or S) MRE 20H* .25 .75 1.19 1.56 .5 .44D – .3 MRA 20 (P or S) MRE 20H-8 .25 .75 1.05 1.56 .5 .38 .66 .3 MRA 20 (P or S) MRE 34H .28 1.25 1.67 2 .83 .66D – .6 MRA 34 (P or S) MRE 34H-8 .28 1.25 1.75 2 .83 1.06 .56 .6 MRA 34 (P or S) MRE 41H .28 1.25 1.67 2.63 .5 .66 .44 .6 MRA 41 (P or S) MRE 42H .09 1.30 1.72 2.31 .83 .63D – .7 MRA 42 (P or S) MRE 42H-8 .09 1.30 1.80 2.31 .83 1.06 .56 .7 MRA 42 (P or S) MRE 50H .09 1.30 1.72 2.59 .83 .63D – .8 MRA 50 (P or S) MRE 50H-8 .09 1.30 1.80 2.59 .83 1.06 .56 .8 MRA 50 (P or S) MRE 75H .09 1.31 1.73 2.59 1.19 .63 .88 1.0 MRA 75 (P or S) MRE 75H-8 .09 1.31 1.86 2.59 1.19 1 .88D 1.0 MRA 75 (P or S) H and H-8 Cable Clamps (Top Opening) Code No. Dimensions Cable Opening Wt. Oz. Fits Connector A BC D E F G MRE 9H-1 .28 1.28 1.63 1.31 .44 .31D – .3 MRA 9 (P or S) MRE 9H-9 .28 1.28 1.61 1.31 .44 .59 .31 .3 MRA 9 (P or S) MRE 14H-1 .28 1.28 1.69 1.25 .5 .38D – .3 MRA 14 (P or S) MRE 14H-9 .28 1.28 1.55 1.25 .5 .59 .38 .3 MRA 14 (P or S) MRE 20H-1 .28 1.28 2 1.56 .5 .38D – .3 MRA 20 (P or S) MRE 20H-9 .28 1.28 1.86 1.56 .5 .66 .38 .3 MRA 20 (P or S) MRE 34H-1 .28 1.25 2.42 2 .83 .66D – .6 MRA 34 (P or S) MRE 34H-9 .28 1.25 – 2 .83 .81 .56 .6 MRA 34 (P or S) MRE 41H-1 .28 1.25 3.06 2.63 .5 .66 .44 .6 MRA 41 (P or S) MRE 42H-1 .09 1.30 2.73 2.31 .83 .63 .5 .7 MRA 42 (P or S) MRE 42H-9 .09 1.30 – 2.31 .83 .84 .56 .7 MRA 42 (P or S) MRE 50H-1 .09 1.30 3.02 2.59 .83 .63 .5 .8 MRA 50 (P or S) MRE 50H-9 .09 1.30 – 2.59 .83 1.06 .56 .8 MRA 50 (P or S) MRE 75H-1 .09 1.31 3.02 2.59 1.19 .63 .88 1.0 MRA 75 (P or S) MRE 75H-9 .09 1.31 – 2.59 1.19 1 .88 1.0 MRA 75 (P or S) H-1 and H-9 Cable Clamps (Side Opening) * H Hoods for MRA 9, 14, and 20 will not accept JTC hardware. Use H8 hoods. ABCD E F G MRA 34H-491 2.09 .84 1.17 1.59 .66 x .75 – 1.688 .6 MRA 50-8H 2.38 1.22 1.17 1.69 1.03D – 1.969 .8 MRA 66H 2.38 1.22 1.17 1.69 1.03 – 1.969 .8 MRA 104H 2.84 1.63 2.23 2.75 1.19D – 2.375 1.0 DIMENSIONS – TOP OPENING Wt. Oz. Style “Z” “Y” “Y” “Y” Fits Connector MRA 34P MRA 34S MRA 50-8P MRA 50-8S MRA 66P MRA 66S MRA 104P MRA 104S ABC D E H G MRA 34H9-491 2.09 .84 1.17 1.59 .64 x .75 1.06 1.688 .6 MRA 50-8H9 2.38 1.22 1.17 2.92 .84D 1.34 1.969 .8 MRA 66H9 2.38 1.22 1.17 2.92 .84D 1.34 1.969 .8 MRA 104H9 2.84 1.63 2.23 3.39 1.19D 1.63 2.375 1.0 DIMENSIONS – SIDE OPENING Catalog No. Style “Z” “Y” “Y” “Y” Fits Connector MRA 34P MRA 34S MRA 50-8P MRA 50-8S MRA 66P MRA 66S MRA 104P MRA 104S Wt. Oz. MRE Series hoods for use with MRA Series connectors Side Cable Opening Top Cable Opening Catalog No. Side Cable Opening Top Cable Opening A B C E (cable opening) H A D G “Y” Style E G B C D “Z” Style .228 Dia. 2 Holes For 104* .191 Dia. 2 Holes* Dimensions are for reference only and are subject to change. Outline drawings on request. .08 .08 .08 MRA Series RP / 31 www.winconn.com Outline Hoods- Drawn Aluminum Outline Hoods- Formerd Aluminum Dimensions Dimensions |