| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLE bảng dữ liệu(PDF) 68 Page - Winchester Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
SLE bảng dữ liệu(HTML) 68 Page - Winchester Electronics Corporation |
|
68 / 93 page ![]() Side Cable Opening Hoods Top Cable Opening Hoods Dimensions are for reference only and are subject to change. Outline drawings on request. Side Cable Opening Hoods Dimensions A* B C D E F G SRM 11-0400 .16 .94 1.19 .88 .41 .44 .34 SRM 11-0400X .16 .94 1.17 .88 .41 .34 .47 SRM 11-0600 .16 .94 1.19 .88 .41 .44 .34 SRM 11-0600X .16 .94 1.17 .88 .41 .34 .47 SRM 14-0400 .16 .94 1.31 1 .41 .44 .34 SRM 14-0400X .16 .94 1.30 1 .41 .5 .34 SRM 14-0600 .16 .94 1.31 1 .41 .44 .34 SRM 14-0600X .16 .94 1.30 1 .41 .5 .34 SRM 20-0400 .16 1.19 1.69 1.25 .41 .56 .34 SRM 20-0400X** .16 1.19 1.73 1.25 .41 .72 .34 SRM 20-0600 .16 1.19 1.69 1.25 .41 .56 .34 SRM 20-0600X** .16 1.19 1.73 1.25 .41 .72 .34 SRM 26-0400 .16 1.19 1.94 1.5 .41 .56 .34 SRM 26-0400X .16 1.19 1.94 1.5 .41 .91 .34 SRM 26-0600 .16 1.19 1.94 1.5 .41 .56 .34 SRM 26-0600X .16 1.19 1.94 1.5 .41 .91 .34 Code No. Cable Opening Dimensions A* B C D E F G SRM 34-0400 .16 1.19 2 1.56 .56 .63 .5 SRM 34-0400X .16 1.19 2.03 1.56 .56 .81 .5 SRM 34-0600 .16 1.19 2 1.56 .56 .63 .5 SRM 34-0600X .16 1.19 2.03 1.56 .56 .81 .5 SRM 50-0400 .16 1.19 2.5 2.06 .56 .66 .5 SRM 50-0400X .16 1.19 2.53 2.06 .56 .88 .5 SRM 50-0600 .16 1.19 2.5 2.06 .56 .66 .5 SRM 50-0600X .16 1.19 2.53 2.06 .56 .88 .5 SRM 75-0400 .16 1.19 2.5 2.06 .78 .63 Dia. SRM 75-0400X .16 1.19 2.58 2.06 .78 .91 .72 SRM 75-0600 .16 1.19 2.5 2.06 .78 .63 Dia. SRM 75-0600X .16 1.19 2.58 2.06 .78 .91 .72 SRM 104-0400 .16 1.75 2.91 2.38 1 1.06 .94 SRM 104-0400X .16 1.75 2.91 2.38 1 1.44 .94 SRM 104-0600 .16 1.75 2.91 2.38 1 1.06 .94 SRM 104-0600X .16 1.75 2.91 2.38 1 1.44 .94 Code No. Cable Opening Dimensions A* B C D E F G SRM 7-0300X .16 .38 .67 .88 .30 .36 .23 SRM 7-0500 .16 .38 .69 .88 .30 .30 .23 SRM 7-0500X .16 .38 .67 .88 .30 .36 .23 SRM 11-0300X .16 .94 1.23 .88 .41 .47 .34 SRM 11-0500 .16 .94 1.25 .88 .41 .44 .34 SRM 11-0500X .16 .94 1.23 .88 .41 .47 .34 SRM 14-0300X .16 .94 1.23 1 .41 .5 .34 SRM 14-0500 .16 .94 1.25 1 .41 .44 .34 SRM 14-0500X .16 .94 1.23 1 .41 .5 .34 SRM 20-0300X .16 1.19 1.67 1.25 .41 .72 .34 SRM 20-0500 .16 1.19 1.63 1.25 .41 .34 .72 SRM 20-0500X .16 1.19 1.67 1.25 .41 .72 .34 SRM 26-0300 .16 1.19 1.63 1.5 .41 .56 .34 SRM 26-0300X .16 1.19 1.63 1.5 .41 .91 .34 SRM 26-0500 .16 1.19 1.63 1.5 .41 .56 .34 SRM 26-0500X .16 1.19 1.63 1.5 .41 .91 .34 Code No. Cable Opening Code No. Cable Opening Top Cable Opening Hoods 0400X Cable Clamp 0400X Hood is identical to 0400 Hood except for cable clamp style and cable opening in the hood. 0300X Cable Clamp 0300X Hood is identical to 0300 Hood except for cable clamp style and cable opening in the hood. **Note: This dimension does not apply when shells are used. Tab is removed. **Request availability information. Hoods may be ordered separately (see code numbers in above tables) or assembled on connectors. If desired assembled to connectors, see Code Numbering System for complete catalog number. Prefix hood code numbers with “X” for use with shells. Example: XSRM34-0300 D F E G (0300 Only) F & G (Cable Opening) C 2-26 UNC-2A THD. (0500 Only) B A F & G (Cable Opening) E G B A F (0400 Only) D 2-56 UNC-2A THD. (0600 Only) C Dimensions A* B C D E F G SRM 34-0300 .16 1.19 1.63 1.56 .56 .63 .5 SRM 34-0300X .16 1.19 1.67 1.56 .56 .81 .5 SRM 34-0500 .16 1.19 1.63 1.56 .56 .63 .5 SRM 34-0500X .16 1.19 1.67 1.56 .56 .81 .5 SRM 50-0300 .16 1.19 1.63 2.06 .56 .66 .5 SRM 50-0300X .16 1.19 1.67 2.06 .56 .88 .5 SRM 50-0500 .16 1.19 1.63 2.06 .56 .66 .5 SRM 50-0500X .16 1.19 1.67 2.06 .56 .88 .5 SRM 75-0300 .16 1.19 1.63 2.06 .78 .63 Dia. SRM 75-0300X .16 1.19 1.72 2.06 .78 .91 .72 SRM 75-0500 .16 1.19 1.63 2.06 .78 .63 Dia. SRM 75-0500X .16 1.19 1.72 2.06 .78 .91 .72 SRM 104-0300 .16 1.75 2.28 2.38 1 1.06 .94 SRM 104-0300X** .16 1.75 2.52 2.38 1 .86 1.36 SRM 104-0500 .16 1.75 2.28 2.38 1 1.06 .94 SRM 104-0500X** .16 1.75 2.52 2.38 1 .86 1.36 SRM Series RP / 68 www.winconn.com Hoods- Formed Aluminum Dimensions |