công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SSQTP bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện PIC16F16-I/SSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SSQTP bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button PIC16F16-I/SSQTP Datasheet HTML 11Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 12Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 13Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 14Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 15Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 16Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 17Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 18Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 13
PIC16F716
2.2.2.3
INTCON Register
The INTCON Register is a readable and writable
register which contains various enable and flag bits for
the TMR0 register overflow, RB Port change and
external RB0/INT pin interrupts.
Note:
Interrupt flag bits get set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 2-3:
INTCON: INTERRUPT CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-x
GIE
PEIE
T0IE
INTE
RBIE(1)
T0IF(2)
INTF
RBIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
GIE: Global Interrupt Enable bit
1
= Enables all unmasked interrupts
0
= Disables all interrupts
bit 6
PEIE: Peripheral Interrupt Enable bit
1
= Enables all unmasked peripheral interrupts
0
= Disables all peripheral interrupts
bit 5
T0IE: Timer0 Overflow Interrupt Enable bit
1
= Enables the Timer0 interrupt
0
= Disables the Timer0 interrupt
bit 4
INTE: RB0/INT External Interrupt Enable bit
1
= Enables the RB0/INT external interrupt
0
= Disables the RB0/INT external interrupt
bit 3
RBIE: PORTB Change Interrupt Enable bit(1)
1
= Enables the PORTB change interrupt
0
= Disables the PORTB change interrupt
bit 2
T0IF: Timer0 Overflow Interrupt Flag bit(2)
1
= TMR0 register has overflowed (must be cleared in software)
0
= TMR0 register did not overflow
bit 1
INTF: RB0/INT External Interrupt Flag bit
1
= The RB0/INT external interrupt occurred (must be cleared in software)
0
= The RB0/INT external interrupt did not occur
bit 0
RBIF: PORTB Change Interrupt Flag bit
1
= When at least one of the PORTB general purpose I/O pins changed state (must be cleared in
software)
0
= None of the PORTB general purpose I/O pins have changed state
Note 1:
IOCB register must also be enabled.
2:
T0IF bit is set when Timer0 rolls over. Timer0 is unchanged on Reset and should be initialized before
clearing T0IF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com