công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SSQTP bảng dữ liệu(PDF) 76 Page - Microchip Technology

tên linh kiện PIC16F16-I/SSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SSQTP bảng dữ liệu(HTML) 76 Page - Microchip Technology

Back Button PIC16F16-I/SSQTP Datasheet HTML 72Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 73Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 74Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 75Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 76Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 77Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 78Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 79Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
PIC16F716
DS41206B-page 74
© 2007 Microchip Technology Inc.
9.12
Watchdog Timer (WDT)
The Watchdog Timer is a free running, on-chip, RC
oscillator which does not require any external
components. This RC oscillator is separate from the RC
oscillator of the OSC1/CLKIN pin. That means that the
WDT will run, even if the clock on the OSC1/CLKIN and
OSC2/CLKOUT pins of the device have been stopped,
for example, by execution of a SLEEP instruction.
During normal operation, a WDT time-out generates a
device Reset (Watchdog Timer Reset). If the device is in
Sleep mode, a WDT time-out causes the device to
wake-up and continue with normal operation (Watchdog
Timer Wake-up). The TO bit in the STATUS register will
be cleared upon a Watchdog Timer time-out.
The WDT can be permanently disabled by clearing
Configuration bit WDTE (Section 9.1 “Configuration
Bits”).
WDT time-out period values may be found in the
Electrical Specifications section under TWDT (parameter
#31). Values for the WDT prescaler (actually a
postscaler, but shared with the Timer0 prescaler) may be
assigned using the OPTION register.
.
FIGURE 9-14:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 9-7:
SUMMARY OF REGISTERS ASSOCIATED WITH WATCHDOG TIMER
Note:
The CLRWDT and SLEEP instructions clear
the WDT and the postscaler, if assigned to
the WDT, and prevent it from timing out
and generating a device Reset condition.
Note:
When a CLRWDT instruction is executed
and the prescaler is assigned to the WDT,
the prescaler count will be cleared, but the
prescaler assignment is not changed.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
CONFIG1(1)
BORV
BOREN
—
—
PWRTE
WDTE
FOSC1
FOSC0
—
—
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used the Watchdog Timer.
Note
1:
See Configuration Word Register (Register 9-1) for operation of all register bits.
From TMR0 Clock Source (Figure 4-1)
To TMR0 (Figure 4-1)
Postscaler
WDT Timer
WDT
Enable Bit
0
1
M
U
X
PSA
8-to-1 MUX
PS2:PS0
0
1
MUX
PSA
WDT
Time-out
8
Note:
PSA and PS2:PS0 are bits in the OPTION register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com