công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SSQTP bảng dữ liệu(PDF) 63 Page - Microchip Technology

tên linh kiện PIC16F16-I/SSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SSQTP bảng dữ liệu(HTML) 63 Page - Microchip Technology

Back Button PIC16F16-I/SSQTP Datasheet HTML 59Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 60Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 61Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 62Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 63Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 64Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 65Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 66Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 61
PIC16F716
9.0
SPECIAL FEATURES OF THE
CPU
The PIC16F716 device has a host of features intended
to maximize system reliability, minimize cost through
elimination
of
external
components,
provide
power-saving operating modes and offer code
protection. These are:
• OSC Selection
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• Sleep
• Code protection
• ID locations
• In-Circuit Serial Programming™ (ICSP™)
The PIC16F716 device has a Watchdog Timer, which
can be shut off only through Configuration bits. It runs
off its own RC oscillator for added reliability. There are
two timers that offer necessary delays on power-up.
One is the Oscillator Start-up Timer (OST), intended to
keep the chip in Reset until the crystal oscillator is
stable. The other is the Power-up Timer (PWRT), which
provides a fixed delay on power-up only and is
designed to keep the part in Reset while the power
supply stabilizes. With these two timers on-chip, most
applications need no external Reset circuitry.
Sleep mode is designed to offer a very low-current
Power-Down mode. The user can wake-up from Sleep
through external Reset, Watchdog Timer Wake-up, or
through an interrupt. Several oscillator options are also
made available to allow the part to fit the application.
The RC oscillator option saves system cost, while the
LP crystal option saves power. A set of Configuration
bits are used to select various options.
9.1
Configuration Bits
The Configuration bits can be programmed (read as
‘0’) or left unprogrammed (read as ‘1’) to select various
device configurations. These bits are mapped in
program memory location 2007h.
The user will note that address 2007h is beyond the
user program memory space. In fact, it belongs to the
special configuration memory space (2000h-3FFFh),
which can be accessed only during programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com