công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SSQTP bảng dữ liệu(PDF) 95 Page - Microchip Technology

tên linh kiện PIC16F16-I/SSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SSQTP bảng dữ liệu(HTML) 95 Page - Microchip Technology

Back Button PIC16F16-I/SSQTP Datasheet HTML 91Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 92Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 93Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 94Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 95Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 96Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 97Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 98Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 93
PIC16F716
12.1
DC Characteristics: PIC16F716 (Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
VDD
Supply Voltage
D001
D001A
2.0
3.0
—
—
5.5
5.5
V
V
Industrial
Extended
D002*
VDR
RAM Data Retention
Voltage(1)
—1.5*
—
V
D003
VPOR VDD Start Voltage to ensure
internal Power-on Reset signal
—
Vss
—
V
See section on Power-on Reset for
details
D004*
SVDD VDD Rise Rate to ensure
internal Power-on Reset signal
0.05
—
—
V/ms PWRT enabled (PWRTE bit clear)
D005
VBOR Brown-out Reset voltage trip
point
3.65
4.0
4.35
V
BOREN bit set, BOR bit = ‘1’
2.2
2.5
2.7
V
BOREN bit set, BOR bit = ‘0’
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
This is the limit to which VDD can be lowered without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com