công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SSQTP bảng dữ liệu(PDF) 74 Page - Microchip Technology

tên linh kiện PIC16F16-I/SSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SSQTP bảng dữ liệu(HTML) 74 Page - Microchip Technology

Back Button PIC16F16-I/SSQTP Datasheet HTML 70Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 71Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 72Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 73Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 74Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 75Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 76Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 77Page - Microchip Technology PIC16F16-I/SSQTP Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 136 page
background image
PIC16F716
DS41206B-page 72
© 2007 Microchip Technology Inc.
9.10
Interrupts
The PIC16F716 devices have up to 7 sources of
interrupt. The Interrupt Control Register (INTCON)
records individual interrupt requests in flag bits. It also
has individual and global interrupt enable bits.
A Global Interrupt Enable bit, GIE of the INTCON
register enables all un-masked interrupts when set, or
disables all interrupts when cleared. When bit GIE is
enabled, and an interrupt’s flag bit and mask bit are set,
the interrupt will vector immediately. Individual
interrupts can be disabled through their corresponding
enable bits in various registers. Individual interrupt bits
are set, regardless of the status of the GIE bit. The GIE
bit is cleared on Reset and when an interrupt vector
occurs.
The “return-from-interrupt” instruction, RETFIE, exits
the interrupt routine, as well as sets the GIE bit, which
re-enables interrupts.
The RB0/INT pin interrupt, the RB port change interrupt
and the TMR0 overflow interrupt flags are contained in
the INTCON register.
The peripheral interrupt flags are contained in the Spe-
cial Function Registers, PIR1 and PIR2. The
corresponding interrupt enable bits are contained in
Special Function Registers, PIE1 and PIE2, and the
peripheral interrupt enable bit is contained in Special
Function Register, INTCON.
When an interrupt is responded to, the GIE bit is
cleared to disable any further interrupt, the return
address is pushed onto the stack and the PC is loaded
with 0004h. Once in the Interrupt Service Routine, the
source(s) of the interrupt can be determined by polling
the interrupt flag bits. The interrupt flag bit(s) must be
cleared in software before re-enabling interrupts to
avoid recursive interrupts.
For external interrupt events, such as the INT pin or
PORTB change interrupt, the interrupt latency will be
three or four instruction cycles. The exact latency
depends when the interrupt event occurs. The latency
is the same for one or two-cycle instructions. Individual
interrupt flag bits are set, regardless of the status of
their corresponding mask bit or the GIE bit.
FIGURE 9-13:
INTERRUPT LOGIC
Note:
Individual interrupt flag bits are set regard-
less of the status of their corresponding
mask bit or the GIE bit.
ADIF
ADIE
CCP1IF
CCP1IE
TMR2IF
TMR2IE
TMR1IF
TMR1IE
T0IF
T0IE
INTF
INTE
RBIF
RBIE
GIE
PEIE
Wake-up (If in Sleep mode)
Interrupt to CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com