công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4331 bảng dữ liệu(PDF) 183 Page - Microchip Technology

tên linh kiện PIC18F4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 bảng dữ liệu(HTML) 183 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 179Page - Microchip Technology PIC18F4331 Datasheet HTML 180Page - Microchip Technology PIC18F4331 Datasheet HTML 181Page - Microchip Technology PIC18F4331 Datasheet HTML 182Page - Microchip Technology PIC18F4331 Datasheet HTML 183Page - Microchip Technology PIC18F4331 Datasheet HTML 184Page - Microchip Technology PIC18F4331 Datasheet HTML 185Page - Microchip Technology PIC18F4331 Datasheet HTML 186Page - Microchip Technology PIC18F4331 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 181
PIC18F2331/2431/4331/4431
17.0 POWER CONTROL PWM
MODULE
The Power Control PWM module simplifies the task of
generating
multiple,
synchronized
Pulse-Width
Modulated (PWM) outputs for use in the control of
motor controllers and power conversion applications.
In particular, the following power and motion control
applications are supported by the PWM module:
• Three-Phase and Single-Phase AC Induction
Motors
• Switched Reluctance Motors
• Brushless DC (BLDC) Motors
• Uninterruptible Power Supplies (UPS)
• Multiple DC Brush Motors
The PWM module has the following features:
• Up to eight PWM I/O pins with four duty cycle
generators. Pins can be paired to get a complete
half-bridge control.
• Up to 14-bit resolution, depending upon the PWM
period.
• “On-the-fly” PWM frequency changes.
• Edge and Center-Aligned Output modes.
• Single-Pulse Generation mode.
• Programmable dead-time control between paired
PWMs.
• Interrupt support for asymmetrical updates in
Center-Aligned mode.
• Output override for Electrically Commutated
Motor (ECM) operation; for example, BLDC.
• Special Event Trigger comparator for scheduling
other peripheral events.
• PWM outputs disable feature sets PWM outputs
to their inactive state when in Debug mode.
The Power Control PWM module supports three PWM
generators
and
six
output
channels
on
PIC18F2331/2431 devices, and four generators and
eight channels on PIC18F4331/4431 devices. A simpli-
fied block diagram of the module is shown in
Figure 17-1. Figure 17-2 and Figure 17-3 show how
the module hardware is configured for each PWM
output pair for the Complementary and Independent
Output modes.
Each functional unit of the PWM module will be
discussed in subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com