công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4331 bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện PIC18F4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 31Page - Microchip Technology PIC18F4331 Datasheet HTML 32Page - Microchip Technology PIC18F4331 Datasheet HTML 33Page - Microchip Technology PIC18F4331 Datasheet HTML 34Page - Microchip Technology PIC18F4331 Datasheet HTML 35Page - Microchip Technology PIC18F4331 Datasheet HTML 36Page - Microchip Technology PIC18F4331 Datasheet HTML 37Page - Microchip Technology PIC18F4331 Datasheet HTML 38Page - Microchip Technology PIC18F4331 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 33
PIC18F2331/2431/4331/4431
3.0
POWER-MANAGED MODES
The PIC18F2331/2431/4331/4431 devices offer a total
of six operating modes for more efficient power
management (see Table 3-1). These operating modes
provide a variety of options for selective power
conservation in applications where resources may be
limited (i.e., battery-powered devices).
There are three categories of power-managed modes:
• Sleep mode
• Idle modes
• Run modes
These categories define which portions of the device
are clocked and sometimes, what speed. The Run and
Idle modes may use any of the three available clock
sources (primary, secondary or INTOSC multiplexer);
the Sleep mode does not use a clock source.
The clock switching feature offered in other PIC18
devices (i.e., using the Timer1 oscillator in place of the
primary oscillator), and the Sleep mode offered by all
PIC® devices (where all system clocks are stopped), are
both offered in the PIC18F2331/2431/4331/4431
devices (SEC_RUN and Sleep modes, respectively).
However, additional power-managed modes are
available that allow the user greater flexibility in deter-
mining what portions of the device are operating. The
power-managed modes are event driven; that is, some
specific event must occur for the device to enter or (more
particularly) exit these operating modes.
For PIC18F2331/2431/4331/4431 devices, the power-
managed modes are invoked by using the existing
SLEEP instruction. All modes exit to PRI_RUN mode
when triggered by an interrupt, a Reset or a WDT time-
out (PRI_RUN mode is the normal full power execution
mode; the CPU and peripherals are clocked by the
primary oscillator source). In addition, power-managed
Run modes may also exit to Sleep mode or their
corresponding Idle mode.
3.1
Selecting Power-Managed Modes
Selecting a power-managed mode requires deciding if
the CPU is to be clocked or not, and selecting a clock
source. The IDLEN bit controls CPU clocking, while the
SCS1:SCS0 bits select a clock source. The individual
modes, bit settings, clock sources and affected
modules are summarized in Table 3-1.
3.1.1
CLOCK SOURCES
The clock source is selected by setting the SCS bits of
the OSCCON register. Three clock sources are avail-
able for use in power-managed Idle modes: the primary
clock (as configured in Configuration Register 1H), the
secondary clock (Timer1 oscillator) and the internal
oscillator block. The secondary and internal oscillator
block sources are available for the power-managed
modes (PRI_RUN mode is the normal full power
execution mode; the CPU and peripherals are clocked
by the primary oscillator source).
TABLE 3-1:
POWER-MANAGED MODES
Mode
OSCCON<7,1:0>
Module Clocking
Available Clock and Oscillator Source
IDLEN
SCS1:SCS0
CPU
Peripherals
Sleep
000
Off
Off
None – All clocks are disabled
PRI_RUN
000
Clocked
Clocked
Primary – LP, XT, HS, HSPLL, RC, EC, INTRC(1)
This is the normal full power execution mode.
SEC_RUN
001
Clocked
Clocked
Secondary – Timer1 Oscillator
RC_RUN
01x
Clocked
Clocked
Internal Oscillator Block(1)
PRI_IDLE
100
Off
Clocked
Primary – LP, XT, HS, HSPLL, RC, EC
SEC_IDLE
101
Off
Clocked
Secondary – Timer1 Oscillator
RC_IDLE
11x
Off
Clocked
Internal Oscillator Block(1)
Note 1: Includes INTOSC and INTOSC postscaler, as well as the INTRC source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com