| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4331 bảng dữ liệu(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 bảng dữ liệu(HTML) 20 Page - Microchip Technology |
|
20 / 400 page ![]() PIC18F2331/2431/4331/4431 DS39616C-page 18 Preliminary © 2007 Microchip Technology Inc. PORTA is a bidirectional I/O port. RA0/AN0 RA0 AN0 219 19 I/O I TTL Analog Digital I/O. Analog input 0. RA1/AN1 RA1 AN1 320 20 I/O I TTL Analog Digital I/O. Analog input 1. RA2/AN2/VREF-/CAP1/ INDX RA2 AN2 VREF- CAP1 INDX 421 21 I/O I I I I TTL Analog Analog ST ST Digital I/O. Analog input 2. A/D reference voltage (low) input. Input capture pin 1. Quadrature Encoder Interface index input pin. RA3/AN3/VREF+/ CAP2/QEA RA3 AN3 VREF+ CAP2 QEA 522 22 I/O I I I I TTL Analog Analog ST ST Digital I/O. Analog input 3. A/D reference voltage (high) input. Input capture pin 2. Quadrature Encoder Interface channel A input pin. RA4/AN4/CAP3/QEB RA4 AN4 CAP3 QEB 623 23 I/O I I I TTL Analog ST ST Digital I/O. Analog input 4. Input capture pin 3. Quadrature Encoder Interface channel B input pin. RA5/AN5/LVDIN RA5 AN5 LVDIN 724 24 I/O I I TTL Analog Analog Digital I/O. Analog input 5. Low-Voltage Detect input. TABLE 1-3: PIC18F4331/4431 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP TQFP QFN Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power OD = Open-Drain (no diode to VDD) Note 1: RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin for SCK/SCL. 2: RD4 is the alternate pin for FLTA. 3: RD5 is the alternate pin for PWM4. |