công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4331 bảng dữ liệu(PDF) 181 Page - Microchip Technology

tên linh kiện PIC18F4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 bảng dữ liệu(HTML) 181 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 177Page - Microchip Technology PIC18F4331 Datasheet HTML 178Page - Microchip Technology PIC18F4331 Datasheet HTML 179Page - Microchip Technology PIC18F4331 Datasheet HTML 180Page - Microchip Technology PIC18F4331 Datasheet HTML 181Page - Microchip Technology PIC18F4331 Datasheet HTML 182Page - Microchip Technology PIC18F4331 Datasheet HTML 183Page - Microchip Technology PIC18F4331 Datasheet HTML 184Page - Microchip Technology PIC18F4331 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 179
PIC18F2331/2431/4331/4431
TABLE 16-8:
REGISTERS ASSOCIATED WITH THE MOTION FEEDBACK MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x 0000 000u
IPR3
—
—
—
PTIP
IC3DRIP
IC2QEIP
IC1IP
TMR5IP
---1 1111 ---1 1111
PIE3
—
—
—
PTIE
IC3DRIE
IC2QEIE
IC1IE
TMR5IE
---0 0000 ---0 0000
PIR3
—
—
—
PTIF
IC3DRIF
IC2QEIF
IC1IF
TMR5IF
---0 0000 ---0 0000
TMR5H
Timer5 Register High Byte
xxxx xxxx uuuu uuuu
TMR5L
Timer5 Register Low Byte
xxxx xxxx uuuu uuuu
PR5H
Timer5 Period Register High Byte
1111 1111 1111 1111
PR5L
Timer5 Period Register Low Byte
1111 1111 1111 1111
T5CON
T5SEN
RESEN
T5MOD
T5PS1
T5PS0
T5SYNC
TMR5CS
TMR5ON 0000 0000 0000 0000
CAP1BUFH/
VELRH
Capture 1 Register High Byte/Velocity Register High Byte(1)
xxxx xxxx uuuu uuuu
CAP1BUFL/
VELRL
Capture 1 Register Low Byte/Velocity Register Low Byte(1)
xxxx xxxx uuuu uuuu
CAP2BUFH/
POSCNTH
Capture 2 Register High Byte/QEI Position Counter Register High Byte(1)
xxxx xxxx uuuu uuuu
CAP2BUFL/
POSCNTL
Capture 2 Register Low Byte/QEI Position Counter Register Low Byte(1)
xxxx xxxx uuuu uuuu
CAP3BUFH/
MAXCNTH
Capture 3 Register High Byte/QEI Max. Count Limit Register High Byte(1)
xxxx xxxx uuuu uuuu
CAP3BUFL/
MAXCNTL
Capture 3 Register Low Byte/QEI Max. Count Limit Register Low Byte(1)
xxxx xxxx uuuu uuuu
CAP1CON
—
CAP1REN
—
—
CAP1M3
CAP1M2
CAP1M1
CAP1M0 -0-- 0000 -0-- 0000
CAP2CON
—
CAP2REN
—
—
CAP2M3
CAP2M2
CAP2M1
CAP2M0 -0-- 0000 -0-- 0000
CAP3CON
—
CAP3REN
—
—
CAP3M3
CAP3M2
CAP3M1
CAP3M0 -0-- 0000 -0-- 0000
DFLTCON
—
FLT4EN
FLT3EN
FLT2EN
FLT1EN
FLTCK2
FLTCK1
FLTCK0
-000 0000 -000 0000
QEICON
VELM
QERR
UP/DOWN
QEIM2
QEIM1
QEIM0
PDEC1
PDEC0
0000 0000 0000 0000
Legend:
x = unknown, u = unchanged, - = unimplemented. Shaded cells are not used by the Motion Feedback Module.
Note
1:
Register name and function determined by which submodule is selected (IC/QEI, respectively). See Section 16.1.10 “Other
Operating Modes” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com