| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4331 bảng dữ liệu(PDF) 206 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331 bảng dữ liệu(HTML) 206 Page - Microchip Technology |
|
206 / 400 page ![]() PIC18F2331/2431/4331/4431 DS39616C-page 204 Preliminary © 2007 Microchip Technology Inc. 17.10.3 OUTPUT OVERRIDE EXAMPLES Figure 17-21 shows an example of a waveform that might be generated using the PWM output override feature. The figure shows a six-step commutation sequence for a BLDC motor. The motor is driven through a 3-phase inverter as shown in Figure 17-16. When the appropriate rotor position is detected, the PWM outputs are switched to the next commutation state in the sequence. In this example, the PWM out- puts are driven to specific logic states. The OVDCOND and OVDCONS register values used to generate the signals in Figure 17-21 are given in Table 17-4. The PWM Duty Cycle registers may be used in con- junction with the OVDCOND and OVDCONS registers. The Duty Cycle registers control the average voltage across the load and the OVDCOND and OVDCONS registers control the commutation sequence. Figure 17-22 shows the waveforms, while Table 17-4 and Table 17-5 show the OVDCOND and OVDCONS register values used to generate the signals. REGISTER 17-6: OVDCOND: OUTPUT OVERRIDE CONTROL REGISTER R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 POVD7(1) POVD6(1) POVD5 POVD4 POVD3 POVD2 POVD1 POVD0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 POVD7:POVD0: PWM Output Override bits 1 = Output on PWM I/O pin is controlled by the value in the Duty Cycle register and the PWM time base 0 = Output on PWM I/O pin is controlled by the value in the corresponding POUT bit Note 1: Unimplemented in PIC18F2331/2431 devices; maintain these bits clear. REGISTER 17-7: OVDCONS: OUTPUT STATE REGISTER R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 POUT7(1) POUT6(1) POUT5 POUT4 POUT3 POUT2 POUT1 POUT0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 POUT7:POUT0: PWM Manual Output bits 1 = Output on PWM I/O pin is active when the corresponding PWM output override bit is cleared 0 = Output on PWM I/O pin is inactive when the corresponding PWM output override bit is cleared Note 1: Unimplemented in PIC18F2331/2431 devices; maintain these bits clear. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |