công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4331 bảng dữ liệu(PDF) 203 Page - Microchip Technology

tên linh kiện PIC18F4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 bảng dữ liệu(HTML) 203 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 199Page - Microchip Technology PIC18F4331 Datasheet HTML 200Page - Microchip Technology PIC18F4331 Datasheet HTML 201Page - Microchip Technology PIC18F4331 Datasheet HTML 202Page - Microchip Technology PIC18F4331 Datasheet HTML 203Page - Microchip Technology PIC18F4331 Datasheet HTML 204Page - Microchip Technology PIC18F4331 Datasheet HTML 205Page - Microchip Technology PIC18F4331 Datasheet HTML 206Page - Microchip Technology PIC18F4331 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 201
PIC18F2331/2431/4331/4431
The actual dead time is calculated from the DTCON
register as follows:
Dead Time = Dead Time Value/(FOSC/Prescaler)
Table 17-3 shows example dead-time ranges as a
function of the input clock prescaler selected and the
device operating frequency.
TABLE 17-3:
EXAMPLE DEAD-TIME
RANGES
17.7.4
DEAD-TIME DISTORTION
17.8
Independent PWM Output
Independent PWM mode is used for driving the loads
(as shown in Figure 17-19) for driving one winding of a
switched reluctance motor. A particular PWM output
pair is configured in the Independent Output mode
when the corresponding PMOD bit in the PWMCON0
register is set. No dead-time control is implemented
between the PWM I/O pins when the module is operat-
ing in the Independent PWM mode and both I/O pins
are allowed to be active simultaneously. This mode can
also be used to drive stepper motors.
17.8.1
DUTY CYCLE ASSIGNMENT IN THE
INDEPENDENT PWM MODE
In the Independent PWM mode, each duty cycle gener-
ator is connected to both PWM output pins in a given
PWM output pair. The odd and the even PWM output
pins are driven with a single PWM duty cycle generator.
PWM1 and PWM0 are driven by the PWM channel
which uses the PDC0 register to set the duty cycle,
PWM3 and PWM2 with PDC1, PWM5 and PWM4 with
PDC2 and PWM7 and PWM6 with PDC3 (see
Figure 17-3 and Register 17-4).
FOSC
(MHz)
MIPS
Prescaler
Selection
Dead-Time
Min
Dead-Time
Max
40
10
FOSC/2
50 ns
3.2
μs
40
10
FOSC/4
100 ns
6.4
μs
40
10
FOSC/8
200 ns
12.8
μs
40
10
FOSC/16
400 ns
25.6
μs
32
8
FOSC/2
62.5 ns
4
μs
32
8
FOSC/4
125 ns
8
μs
32
8
FOSC/8
250 ns
16
μs
32
8
FOSC/16
500 ns
32
μs
25
6.25
FOSC/2
80 ns
5.12
μs
25
6.25
FOSC/4
160 ns
10.2
μs
25
6.25
FOSC/8
320 ns
20.5
μs
25
6.25
FOSC/16
640 ns
41
μs
20
5
FOSC/2
100 ns
6.4
μs
20
5
FOSC/4
200 ns
12.8
μs
20
5
FOSC/8
400 ns
25.6
μs
20
5
FOSC/16
800 ns
51.2
μs
10
2.5
FOSC/2
200 ns
12.8
μs
10
2.5
FOSC/4
400 ns
25.6
μs
10
2.5
FOSC/8
800 ns
51.2
μs
10
2.5
FOSC/16
1.6
μs
102.4
μs
51.25
FOSC/2
400 ns
25.6
μs
51.25
FOSC/4
800 ns
51.2
μs
51.25
FOSC/8
1.6
μs
102.4
μs
51.25
FOSC/16
3.2
μs
204.8
μs
41
FOSC/2
0.5
μs32 μs
41
FOSC/4
1
μs64 μs
41
FOSC/8
2
μs
128
μs
41
FOSC/16
4
μs
256
μs
Note 1: For small PWM duty cycles, the ratio of
dead time to the active PWM time may
become large. In this case, the inserted
dead time will introduce distortion into
waveforms produced by the PWM mod-
ule. The user can ensure that dead-time
distortion is minimized by keeping the
PWM duty cycle at least three times
larger than the dead time. A similar effect
occurs for duty cycles at or near 100%.
The maximum duty cycle used in the
application should be chosen such that
the minimum inactive time of the signal is
at least three times larger than the dead
time. If the dead time is greater or equal
to the duty cycle of one of the PWM
output pairs, then that PWM pair will be
inactive for the whole period.
2: Changing the dead-time values in
DTCON when the PWM is enabled may
result in an undesired situation. Disable
the PWM (PTEN = 0) before changing the
dead-time value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com