công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZF2002 bảng dữ liệu(PDF) 67 Page - NXP Semiconductors

tên linh kiện SZF2002
Giải thích chi tiết về linh kiện  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 bảng dữ liệu(HTML) 67 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 63Page - NXP Semiconductors SZF2002 Datasheet HTML 64Page - NXP Semiconductors SZF2002 Datasheet HTML 65Page - NXP Semiconductors SZF2002 Datasheet HTML 66Page - NXP Semiconductors SZF2002 Datasheet HTML 67Page - NXP Semiconductors SZF2002 Datasheet HTML 68Page - NXP Semiconductors SZF2002 Datasheet HTML 69Page - NXP Semiconductors SZF2002 Datasheet HTML 70Page - NXP Semiconductors SZF2002 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
1998 Aug 26
67
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Notes
1. Sample moment for data read cycles is on negative clock edge in state S3, the internal clock skew must be taken
into account also. This results in 3tCLK − 10 ns from OE LOW (or 7⁄2tCLK − 10 ns from CE LOW) maximum.
2. Sample moment for code fetch cycles is on negative clock edge in state S2 or S4, the internal clock skew must be
taken into account also. This results in 3
⁄2tCLK − 10 ns from OE LOW (or 2tCLK − 10 ns from CE LOW) maximum.
t(CEL)4
CE LOW time (code fetch cycle)
−−
2tCLK
ns
tsu(OE-D)4
Data set-up time from OE (code fetch cycle)
−−
3
⁄2tCLK − 18 ns
tsu(CEL-D)4
Data set-up time from CE LOW (code fetch cycle)
−−
2tCLK − 18
ns
tsu(D-SM)4
Data set-up time to sample moment (code fetch cycle), note 2
−−
8ns
th(SM-D)4
Data hold time from sample moment (code fetch cycle)
0
−−
ns
tsu(DZ-OEL)
Data bus high-impedance set-up time to OE LOW
(data read cycle); (Code Fetch cycle)
1
⁄2tCLK +12 −−
ns
th(DZ-OEH)
Data bus high-impedance hold time from OE HIGH
(data read cycle); (code fetch cycle)
1
⁄2tCLK − 2;
tCLK − 11
−−
ns
tsu(A-CEL)4
Address set-up time to CE LOW (code fetch cycle)
−−
1
⁄2tCLK − 4ns
th(CEH-A)4
Address hold time from CE HIGH (code fetch cycle)
−−
1
⁄2tCLK
ns
SYMBOL
PARAMETER
MIN.
TYP
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com