| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SZF2002 bảng dữ liệu(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SZF2002 bảng dữ liệu(HTML) 41 Page - NXP Semiconductors |
|
41 / 76 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... MLA569 D0 D1 D2 D3 D4 D5 D6 D7 START BIT D0 D1 D2 D3 D4 D5 D6 D7 TX CLOCK WRITE TO SBUF DATA SHIFT TXD TI START BIT S1P1 STOP BIT ÷16 RESET RX CLOCK RXD STOP BIT BIT DETECTOR SAMPLE TIME SHIFT RI SEND T R A N S M I T R E C E I V E Fig.20 Serial port Mode 1 timing. |