công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC855TZQ80D4 bảng dữ liệu(PDF) 72 Page - Freescale Semiconductor, Inc

tên linh kiện MPC855TZQ80D4
Giải thích chi tiết về linh kiện  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TZQ80D4 bảng dữ liệu(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC855TZQ80D4 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
72
Freescale Semiconductor
Mechanical Data and Ordering Information
Table 34 identifies the packages and operating frequencies available for the MPC860.
MPC860EN
4
10
N/A
N/A
MPC860SR
10
Yes
Yes
MPC860T
10/100
Yes
Yes
MPC860P
10/100
Yes
Yes
1
Serial communications controller (SCC)
2
Up to 4 channels at 40 MHz or 2 channels at 25 MHz
Table 34. MPC860 Family Package/Frequency Availability
Package Type
Freq (MHz) /
Temp (Tj)
Package
Order Number
Ball grid array
ZP suffix — Leaded
ZQ suffix — Leaded
VR suffix — Lead-Free are available as needed
50
0° to 95°C
ZP/ZQ 1
MPC855TZQ50D4
MPC860DEZQ50D4
MPC860DTZQ50D4
MPC860ENZQ50D4
MPC860SRZQ50D4
MPC860TZQ50D4
MPC860DPZQ50D4
MPC860PZQ50D4
Tape and Reel
MPC855TZQ50D4R2
MPC860DEZQ50D4R2
MPC860ENZQ50D4R2
MPC860SRZQ50D4R2
MPC860TZQ50D4R2
MPC860DPZQ50D4R2
Sample
KMPC855TZQ50D4
KMPC860DEZQ50D4
KMPC860DTZQ50D4
KMPC860TZQ50D4
KMPC860SRZQ50D4
66
0° to 95°C
ZP/ZQ 1
MPC855TZQ66D4
MPC860DEZQ66D4
MPC860DTZQ66D4
MPC860ENZQ66D4
MPC860SRZQ66D4
MPC860TZQ66D4
MPC860DPZQ66D4
MPC860PZQ66D4
Tape and Reel
MPC860SRZQ66D4R2
MPC860PZQ66D4R2
Table 33. MPC860 Family Revision D.4 Derivatives (continued)
Device
Number of
SCCs 1
Ethernet Support 2
(Mbps)
Multichannel
HDLC Support
ATM
Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com