công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC855TZQ80D4 bảng dữ liệu(PDF) 61 Page - Freescale Semiconductor, Inc

tên linh kiện MPC855TZQ80D4
Giải thích chi tiết về linh kiện  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TZQ80D4 bảng dữ liệu(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC855TZQ80D4 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
Freescale Semiconductor
61
CPM Electrical Characteristics
11.9 SMC Transparent AC Electrical Specifications
Table 23 provides the SMC transparent timings as shown in Figure 63.
Figure 63. SMC Transparent Timing Diagram
11.10SPI Master AC Electrical Specifications
Table 24 provides the SPI master timings as shown in Figure 64 and Figure 65.
Table 23. SMC Transparent Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
150
SMCLK clock period 1
1
SYNCCLK must be at least twice as fast as SMCLK.
100
—
ns
151
SMCLK width low
50
—
ns
151A
SMCLK width high
50
—
ns
152
SMCLK rise/fall time
—
15
ns
153
SMTXD active delay (from SMCLK falling edge)
10
50
ns
154
SMRXD/SMSYNC setup time
20
—
ns
155
RXD1/SMSYNC hold time
5
—
ns
SMCLK
SMRXD
(Input)
152
150
SMTXD
(Output)
152
151
SMSYNC
151
154
153
155
154
155
NOTE
NOTE:
This delay is equal to an integer number of character-length clocks.
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com