công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33710EW bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc

tên linh kiện PC33710EW
Giải thích chi tiết về linh kiện  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33710EW bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PC33710EW Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 16Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 17Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34710
TYPICAL APPLICATIONS
This layout provides the lowest possible impedance as
well as lowest possible dc resistance for the power routing.
Note that the power path and its return should be placed, if
possible, on top of each other on different layers or opposite
sides of the pcb.
Small ceramic capacitors are placed in parallel with the
Aluminum electrolytics so that the overall bulk filtering
presents a low ESL to the high di/dt switching currents.
Alternatively, special low ESL/ESR switching-grade
electrolytics may be used.
An additional feature of the MC34710 is the 32 SOICW-EP
exposed pad package. The package allows heat to be
conducted from the die down through the exposed metal pad
underneath the package and into the copper of the pcb. In
order to best take advantage of this feature, a grid array of
thru-hole vias should be placed in the area corresponding to
the exposed pad, and these vias then should then connect to
a large ground plane of copper to dissipate the heat into the
ambient environment. An example of these vias can be seen
in the previous figures of a typical pcb layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com