công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33710EW bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện PC33710EW
Giải thích chi tiết về linh kiện  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33710EW bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PC33710EW Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34710
STATIC ELECTRICAL CHARACTERISTICS
MODE TERMINALS OPERATING VOLTAGES
Mode Control Terminals Low Voltage
VIL(Moden)
–
–
0.825
V
Mode Control Terminals High Voltage
VIH(Moden)
2.6
–
–
V
Mode Control Terminals Voltage with Input Floating
VB+ = 13 V to 14 V
VMode(FLOAT)
7.0
8.0
13
V
SUPERVISOR CIRCUITRY (RST, VCORE)
Minimum Function VB+ for Charge Pump and Oscillator Running
VB+(MIN)
–
–
9.0
V
Minimum VB+ for RST Assertion, VB+ Rising
VB+(ASSERT)
–
1.9
2.2
V
RST
Low Voltage
VB+ = 2.0 V, IRST ≤ 5.0 mA
VOL
–
0.25
0.4
V
RST
VI/O Threshold
VI/O Rising
VI/O Falling
VI/OT+
VI/OT-
–
VI/O(NOM)
- 300 mV
–
–
VI/O(NOM)
- 50 mV
–
V
RST
Hysteresis for VI/O
VHYSVI/O
10
–
100
mV
RST
VCORE Threshold
VCORE Rising
VCORE Falling
VCORET+
VCORET-
–
VCORE(NOM)
- 300 mV
–
–
VCORE(NOM)
- 30 mV
–
V
RST
Hysteresis for VCORE
VB+ = 13 V to 32 V
VHYS CORE
10
50
100
mV
VCORE - VI/O for VCORE Shutdown
VB+ = 13 V to 32 V
VCORE(SHUTDOWN)
0.5
–
0.9
V
Thermal Shutdown Temperature
TJ Rising
TJ(TSD)
–
–
170
°
C
Overtemperature Hysteresis
TJ(HYSTERESIS)
–
20
–
°
C
VB CHARGE PUMP
Boost Voltage (11)
VB+ = 12 V, Ivb = 0.5 mA
VB+ = 32 V, Ivb = 0.5 mA
VB
VB
VB+ 8
VB+ 10
VB+ 9
VB+ 12
VB+10
VB+14
V
Notes
11. Bulk capacitor ESR ≤ 10 milliohms
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.75 V ≤ VIO ≤ 5.25 V, 13 V ≤ VB+ ≤ 32 V, and 0°C ≤ TJ ≤ 105°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com