công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33710EW bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện PC33710EW
Giải thích chi tiết về linh kiện  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33710EW bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PC33710EW Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34710
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.75 V ≤ VIO ≤ 5.25 V, 13 V ≤ VB+ ≤ 32 V, and 0°C ≤ TJ ≤ 105°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SWITCHING REGULATOR (VI/O, MODE0)
Logic Supply Voltage (IVI/O = 25 to 700 mA)
Mode0 = 0
Mode0 = Open (floating)
VI/O
4.8
3.15
5.0
3.25
5.2
3.45
V
Output On Resistance
VB+ = 13 V to 32 V
RDS(ON)
0.5
1.0
2.0
Ω
Soft Start Threshold Voltage
Mode0 = any
VI/O(SOFT)
–
2.5
3.1
V
Current Limit Threshold (TJ = 25°C to 100°C)
Normal Operation
Soft Start, VI/O ≤ 2.5 V
ILIMIT(OP)
ILIMIT(SOFT)
1.9
1.0
2.4
–
2.9
1.9
A
Minimum Voltage Allowable on VSWITCH Terminal
TJ = 25°C to 100°C
VVSWITCH(MIN)
-0.5
–
–
V
LINEAR REGULATOR (VCORE, MODE 1, 2, 3, 4)
Supply Voltage (IVCORE = 5.0 mA) (10)
Mode2=Low, Mode1=Don’t Care, Mode0=Low
Mode2=Low, Mode1=Don’t Care, Mode0=Open
Mode2=Open, Mode1=Don’t Care, Mode0=Low
Mode2=Open, Mode1=Don’t Care, Mode0=Open
VCORE(NOM)
3.15
2.45
1.7
1.425
3.3
2.5
1.8
1.5
3.45
2.75
2.05
1.575
V
Supply Voltage (IVCORE = 500 mA) (10)
Mode2=Low, Mode1=Don’t Care, Mode0=Low
Mode2=Low, Mode1=Don’t Care, Mode0=Open
Mode2=Open, Mode1=Don’t Care, Mode0=Low
Mode2=Open, Mode1=Don’t Care, Mode0=Open
VCORE(NOM)
3.0
2.2
1.55
1.33
–
–
–
–
3.4
2.6
1.9
1.53
V
VCORE Dropout Voltage
VCORE = VCORE(NOM), IVCORE = 0.5 A
IVCORE(DROPOUT)
–
0.5
0.8
V
Normal Current Limit Threshold
TJ = 25°C to 100°C, VLINB+ = VCORE(NOM) + 1.0 V
ILIMIT
600
800
1000
mA
Notes
10. Refer to Table 2, page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com