công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33710EW bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện PC33710EW
Giải thích chi tiết về linh kiện  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33710EW bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PC33710EW Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33710EW Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34710
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 4. Typical Application Diagram
The MC34710 provides both a buck converter and an LDO
regulator in one IC. Figure 4 above shows a typical
application schematic for the MC34710. L1 is the buck
converter's inductor. The buck inductor is a key component
and must not only present the required reactance, but do so
at a dc resistance of less than 20 milliohms in order to
preserve the converter's efficiency. Also important to the
converter's efficiency is the utilization of a low Vf Schottky
diode for D1.
Note that a 0.1uF capacitor is connected between CT and
the reset pins; this prevents any possibility of oscillations
occurring on the reset line during transitions by allowing the
CT terminal to discharge to ground potential via the RST pin,
and then charge when RST returns to a logic high. The
capacitor between the CP1 and CP2 pins is the charge
pump's “bucket capacitor”, and sequentially charges and
discharges to pump up the reservoir capacitor connected to
the VB pin. Note that the reservoir capacitor's cathode is
connected to B+ rather than ground. Also note that the
charge pump is intended only to provide gate-drive potential
for the buck regulator's internal power MOSFET, and
therefore connecting external loads to the VB pin is not
recommended.
The IC's internal VCORE LDO regulator can provide up to
500 mA of current as long as the operating junction
temperature is maintained below 105 degrees C. The heat-
generating power dissipation of the LDO is primarily a
function of the Volt x Amp product across the LINB+ and
VCORE terminals. Therefore, if the LINB+ voltage is >> than
the selected VCORE voltage + 0.8 V, it is recommended to use
a power resistor in series with the LINB+ input to drop the
voltage and dissipate the heat externally from the IC. For
example, if the output of the buck regulator (V I/O on the
schematic) is used as the input to LINB+, and the mode
switches are set such that V I/O = 5 V and VCORE = 3.3 V,
then a series resistance of 1.8 ohms at the LINB+ pin would
provide an external voltage drop at 500 mA while still leaving
the minimum required headroom of 0.8 V. Conversely, if the
mode switches are set such that V I/O = 3.3 V and VCORE =
2.5 V, then no series resistance would be required, even at
the maximum output current of 500 mA.
Designing a power supply circuit with the MC34710, like all
dc-dc converter ICs, requires special attention not only to
component selection, but also to component placement (i.e.,
printed circuit board layout). The MC34710 has a nominal
switching frequency of 200 kHz, and therefore pcb traces
between the buck converter discrete component terminals
and the IC should be kept as short and wide as possible to
keep the parasitic inductance low. Likewise, keeping these
LDO
1
2
3
4
13
23
24
25
26
27
28
29
30
31
32
B+
13 V - 32 V
RST
MODE0
MODE1
MODE2
GND
CT
CP1
CP2
VB
B+
VSW
VFB
LINB
VCORE
SUPERVISORY
& SHUTDOWN
BUCK
REG
CHARGE
PUMP
C1
330 µF
R1
1 K
C1
0.1 mF
C5
0.1 µF
C6
10 µF
RSERIES
1.8
330 µF
C8
1
2
V I/O
VCORE
SW1
D1
MBRS130LT3
MC34710
100 µH
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com