công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TVP7002PZP bảng dữ liệu(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TVP7002PZP
Giải thích chi tiết về linh kiện  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 42Page - Texas Instruments TVP7002PZP Datasheet HTML 43Page - Texas Instruments TVP7002PZP Datasheet HTML 44Page - Texas Instruments TVP7002PZP Datasheet HTML 45Page - Texas Instruments TVP7002PZP Datasheet HTML 46Page - Texas Instruments TVP7002PZP Datasheet HTML 47Page - Texas Instruments TVP7002PZP Datasheet HTML 48Page - Texas Instruments TVP7002PZP Datasheet HTML 49Page - Texas Instruments TVP7002PZP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
www.ti.com
Video Bandwidth Control
AVID Start Pixel
AVID Stop Pixel
VBLK Field 0 Start Line Offset
VBLK Field 1 Start Line Offset
TVP7002
SLES206 – MAY 2007
Subaddress
3Fh
Default (00h)
7
6
5
4
3
2
1
0
Reserved
BW select [3:0]
BW select [3:0]: Selectable low-pass filter settings for controlling the analog video bandwidth. This control affects the analog video
bandwidth of all three ADC channels.
0h = Highest video bandwidth (default)
Fh = Lowest video bandwidth (~95 MHz analog video bandwidth )
Note: This register can be used to filter high frequency noise but lacks the precision for maximum filtering of various video formats. The
lowest bandwidth setting provides a video bandwidth of at least 50 MHz.
Subaddress
40h–41h
Default (012Ch)
Subaddress
7
6
5
4
3
2
1
0
40h
AVID start [7:0]
41h
Reserved
AVID active
AVID start [12:8]
AVID active
0 = AVID out active during VBLK (default)
1 = AVID out inactive during VBLK
AVID start [12:0]: AVID start pixel number, this is an absolute pixel location from the leading edge of HSYNC (start pixel 0). The TVP7002
updates the AVID start only when the AVID start MSB byte is written to.
AVID start pixel register also controls the position of SAV code. The TVP7002 inserts the SAV code four pixels before the pixel number
specified in the AVID start pixel register.
Subaddress
42h–43h
Default (062Ch)
Subaddress
7
6
5
4
3
2
1
0
42h
AVID stop [7:0]
43h
Reserved
AVID stop [12:8]
AVID stop [12:0]: AVID stop pixel number. The number of pixels of active video must be an even number. This is an absolute pixel location
from the leading edge of HSYNC (start pixel 0).
The TVP7002 updates the AVID Stop only when the AVID Stop MSB byte is written to.
AVID stop pixel register also controls the position of EAV code.
Subaddress
44h
Default (05h)
7
6
5
4
3
2
1
0
VBLK start 0 [7:0]
VBLK start 0 [7:0]: VBLK start line offset for field 0 relative to the leading edge of VSYNC. The VBLK start line offset value affects the
location of transitions on the embedded sync V-bit and VBLK of the Data Enable output, but not the VSYNC output (VSOUT). Unsigned
integer.
Subaddress
45h
Default (05h)
7
6
5
4
3
2
1
0
VBLK start 1 [7:0]
VBLK start 1 [7:0]: VBLK start line offset for field 1 relative to the leading edge of VSYNC. The VBLK start line offset value affects the
location of transitions on the embedded sync V-bit and VBLK of the Data Enable output, but not the VSYNC output (VSOUT). Unsigned
integer.
46
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com