công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P2 bảng dữ liệu(PDF) 132 Page - Texas Instruments

tên linh kiện AM263P2
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 bảng dữ liệu(HTML) 132 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 128Page - Texas Instruments AM263P2 Datasheet HTML 129Page - Texas Instruments AM263P2 Datasheet HTML 130Page - Texas Instruments AM263P2 Datasheet HTML 131Page - Texas Instruments AM263P2 Datasheet HTML 132Page - Texas Instruments AM263P2 Datasheet HTML 133Page - Texas Instruments AM263P2 Datasheet HTML 134Page - Texas Instruments AM263P2 Datasheet HTML 135Page - Texas Instruments AM263P2 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 164 page
background image
CLOCKIN
DATAIN
PRPC1
PRPC2
PRPC3
PRPC5
PRU_TIMING_04
PRPC4
Figure 6-45. PRU-ICSS PRU Parallel Capture Timing Requirements – Falling Edge Mode
6.11.5.13.1.4 PRU-ICSS PRU Timing Requirements - Shift In Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRSI1
tw(PRU_DATAINH)
Pulse duration, PRU_DATAIN High
2 + 2P(1)
ns
PRSI2
tw(PRU_DATAINL)
Pulse duration, PRU_DATAIN Low
2 + 2P(1)
ns
(1)
P = Internal shift in clock period, defined by PRU_GPI_DIV0 and PRU0_GPI_DIV1 bit fields in the GPCFGn register.
DATAIN
PRSI1
PRSI2
PRU_TIMING_05
Figure 6-46. PRU-ICSS PRU Shift In Timing
6.11.5.13.1.5 PRU-ICSS PRU Switching Characteristics - Shift Out Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRSO1
tc(PRU_CLOCKOUT)
Cycle time, PRU_CLOCKOUT
10
ns
PRSO2L tw(PRU_CLOCKOUTL)
Pulse duration, PRU_CLOCKOUT Low
–0.3 + 0.475 × P(1) × Z(2)
ns
PRSO2H tw(PRU_CLOCKOUTH)
Pulse duration, PRU_CLOCKOUT High
–0.3 + 0.475 × P(1) × Y(3)
ns
PRSO3
td(PRU_CLOCKOUT-
PRU_DATAOUT)
Delay time, PRU_CLOCKOUT to
PRU_DATAOUT Valid
0
3
ns
(1)
P = Software programmable shift out clock period, defined by PRU0_GP0_Div0 and PRU0_GPO_DIV1 bit fields in the GPCFGn
register.
(2)
The Z parameter is defined as follows:
If PRU0_GPI_DIV0 and PRU0_GPI_DIV1 are INTEGERS -or- if PRU0_GPI_DIV0 is a NON-INTEGER and PRU0_GPI_DIV1 is an
EVEN INTEGER then,
Z equals (PRU0_GPI_DIV0 * PRU0_GPI_DIV1).
If PRU0_GPI_DIV0 is a NON-INTEGER and PRU0_GPI_DIV1 is an ODD INTEGER then,
Z equals (PRU0_GPI_DIV0 * PRU0_GPI_DIV1 + 0.5).
If PRU0_GPI_DIV0 is an INTEGER and PRU0_GPI_DIV1 is a NON-INTEGER then,
Z equals (PRU0_GPI_DIV0 * PRU0_GPI_DIV1 + 0.5 * PRU0_GPI_DIV0).
If PRU0_GPI_DIV0 and PRU0_GPI_DIV1 are NON-INTEGERS then,
Z equals (PRU0_GPI_DIV0 * PRU0_GPI_DIV1 + 0.25 * PRU0_GPI_DIV0).
(3)
The Y parameter is defined as follows:
If PRU0_GPI_DIV0 and PRU0_GPI_DIV1 are INTEGERS -or- if PRU0_GPI_DIV0 is a NON-INTEGER and PRU0_GPI_DIV1 is an
EVEN INTEGER then,
Y equals (PRU0_GPI_DIV0 * PRU0_GPI_DIV1).
If PRU0_GPI_DIV0 is a NON-INTEGER and PRU0_GPI_DIV1 is an ODD INTEGER then,
Y equals (PRU0_GPI_DIV0 * PRU0_GPI_DIV1 - 0.5).
If PRU0_GPI_DIV0 is an INTEGER and PRU0_GPI_DIV1 is a NON-INTEGER then,
Y equals (PRU0_GPI_DIV0 * PRU0_GPI_DIV1 - 0.5 * PRU0_GPI_DIV0).
If PRU0_GPI_DIV0 and PRU0_GPI_DIV1 are NON-INTEGERS then,
Y1 equals (PRU0_GPI_DIV0 * PRU0_GPI_DIV1 - 0.25 * PRU0_GPI_DIV0) and
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
132
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com