công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 480 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 480 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 476Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 477Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 478Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 479Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 480Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 481Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 482Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 483Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 484Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 1036 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1) Block Description
MC9S12XE-Family Reference Manual , Rev. 1.07
480
Freescale Semiconductor
11.3.2
Register Descriptions
This section describes in address order all the S12XECRG registers and their individual bits.
11.3.2.1
S12XECRG Synthesizer Register (SYNR)
The SYNR register controls the multiplication factor of the IPLL and selects the VCO frequency range.
Read: Anytime
Write: Anytime except if PLLSEL = 1
NOTE
Write to this register initializes the lock detector bit.
NOTE
fVCO must be within the specified VCO frequency lock range. F.BUS (Bus
Clock) must not exceed the specified maximum. If POSTDIV = $00 then
fPLL is same as fVCO (divide by one).
The VCOFRQ[1:0] bit are used to configure the VCO gain for optimal stability and lock time. For correct
IPLL operation the VCOFRQ[1:0] bits have to be selected according to the actual target VCOCLK
frequency as shown in Table 11-1. Setting the VCOFRQ[1:0] bits wrong can result in a non functional
IPLL (no locking and/or insufficient stability).
Module Base + 0x0000
76543210
R
VCOFRQ[1:0]
SYNDIV[5:0]
W
Reset
0
0
0
00000
Figure 11-3. S12XECRG Synthesizer Register (SYNR)
Table 11-1. VCO Clock Frequency Selection
VCOCLK Frequency Ranges
VCOFRQ[1:0]
32MHz <= fVCO<= 48MHz
00
48MHz < fVCO<= 80MHz
01
Reserved
10
80MHz < fVCO <= 120MHz
11
f
VCO
2f
OSC
×
SYNDIV
1
+
()
REFDIV
1
+
()
-------------------------------------
×
=
f
PLL
f
VCO
2
POSTDIV
×
------------------------------------
=
f
BUS
f
PLL
2
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com