công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 479 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 479 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 475Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 476Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 477Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 478Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 479Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 480Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 481Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 482Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 483Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 1036 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1) Block Description
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
479
11.3
Memory Map and Registers
This section provides a detailed description of all registers accessible in the S12XECRG.
11.3.1
Module Memory Map
Figure 11-2 gives an overview on all S12XECRG registers.
NOTE
Register Address = Base Address + Address Offset, where the Base Address
is defined at the MCU level and the Address Offset is defined at the module
level.
Address
Name
Bit 7
6
5
4
3
2
1
Bit 0
0x0000
SYNR
R
VCOFRQ[1:0]
SYNDIV[5:0]
W
0x0001
REFDV
R
REFFRQ[1:0]
REFDIV[5:0]
W
0x0002
POSTDIV
R0
0
0
POSTDIV[4:0]
W
0x0003
CRGFLG
R
RTIF
PORF
LVRF
LOCKIF
LOCK
ILAF
SCMIF
SCM
W
0x0004
CRGINT
R
RTIE
00
LOCKIE
00
SCMIE
0
W
0x0005
CLKSEL
R
PLLSEL
PSTP
XCLKS
0
PLLWAI
0
RTIWAI
COPWAI
W
0x0006
PLLCTL
R
CME
PLLON
FM1
FM0
FSTWKP
PRE
PCE
SCME
W
0x0007
RTICTL
R
RTDEC
RTR6
RTR5
RTR4
RTR3
RTR2
RTR1
RTR0
W
0x0008
COPCTL
R
WCOP
RSBCK
00
0
CR2
CR1
CR0
W
WRTMASK
0x0009
FORBYP2
R
0
0
0
000
0
0
W
0x000A
CTCTL2
R
0
0
0
000
0
0
W
0x000B
ARMCOP
R
0
0
0
000
0
0
W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
2. FORBYP and CTCTL are intended for factory test purposes only.
= Unimplemented or Reserved
Figure 11-2. CRG Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com