công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 334 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 334 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 330Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 331Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 332Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 333Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 334Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 335Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 336Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 337Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 338Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 1036 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual , Rev. 1.07
334
Freescale Semiconductor
8.4.5.1.3
Storing with End-Trigger
Storing with End-Trigger, data is stored in the Trace Buffer until the Final State is entered, at which point
the S12XDBG module will become disarmed and no more data will be stored. If the trigger is at the
address of a change of flow instruction the trigger event will not be stored in the Trace Buffer.
8.4.5.2
Trace Modes
The S12XDBG module can operate in four trace modes. The mode is selected using the TRCMOD bits in
the DBGTCR register. In each mode tracing of XGATE or CPU12X information is possible. The source
for the trace is selected using the TSOURCE bits in the DBGTCR register. The modes are described in the
following subsections. The trace buffer organization is shown in Table 8-42.
8.4.5.2.1
Normal Mode
In Normal Mode, change of flow (COF) program counter (PC) addresses will be stored.
COF addresses are defined as follows for the CPU12X:
•
Source address of taken conditional branches (long, short, bit-conditional, and loop primitives)
•
Destination address of indexed JMP, JSR, and CALL instruction.
•
Destination address of RTI, RTS, and RTC instructions
•
Vector address of interrupts, except for SWI and BDM vectors
LBRA, BRA, BSR, BGND as well as non-indexed JMP, JSR, and CALL instructions are not classified as
change of flow and are not stored in the trace buffer.
COF addresses are defined as follows for the XGATE:
•
Source address of taken conditional branches
•
Destination address of indexed JAL instructions.
•
First XGATE code address in a thread
Change-of-flow addresses stored include the full 23-bit address bus of CPU12X, the 16-bit address bus for
the XGATE module and an information byte, which contains a source/destination bit to indicate whether
the stored address was a source address or destination address.
NOTE
When an CPU12X COF instruction with destination address is executed, the
destination address is stored to the trace buffer on instruction completion,
indicating the COF has taken place. If an interrupt occurs simultaneously
then the next instruction carried out is actually from the interrupt service
routine. The instruction at the destination address of the original program
flow gets exectuted after the interrupt service routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com