công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 331 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 331 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 327Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 328Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 329Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 330Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 331Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 332Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 333Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 334Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 335Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 1036 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
331
and generating a breakpoint, if breakpoints are enabled. External tagging is only possible in device
emulation modes.
8.4.3.4
Trigger On XGATE S/W Breakpoint Request
The XGATE S/W breakpoint request issues a forced breakpoint request to the CPU12X immediately
independent of S12XDBG settings and triggers the state sequencer into the disarmed state. Active tracing
sessions are terminated immediately, thus if tracing has not yet begun, no trace information is stored.
XGATE generated breakpoints are independent of the DBGBRK bits. The XGSBPE bit in DBGC1
determines if the XGATE S/W breakpoint function is enabled. The BDM bit in DBGC1 determines if the
XGATE requested breakpoint causes the system to enter BDM Mode or initiate a software interrupt (SWI).
8.4.3.5
TRIG Immediate Trigger
Independent of comparator matches or external tag signals it is possible to initiate a tracing session and/or
breakpoint by writing the TRIG bit in DBGC1 to a logic “1”. If configured for begin or mid aligned tracing,
this triggers the state sequencer into the Final State, if configured for end alignment, setting the TRIG bit
disarms the module, ending the session. If breakpoints are enabled, a forced breakpoint request is issued
immediately (end alignment) or when tracing has completed (begin or mid alignment).
8.4.3.6
Trigger Priorities
In case of simultaneous triggers, the priority is resolved according to Table 8-41. The lower priority trigger
is suppressed. It is thus possible to miss a lower priority trigger if it occurs simultaneously with a trigger
of a higher priority. The trigger priorities described in Table 8-41 dictate that in the case of simultaneous
matches, the match on the lower channel number (0,1,2,3) has priority. The SC[3:0] encoding ensures that
a match leading to final state has priority over all other matches independent of current state sequencer
state. When configured for range modes a simultaneous match of comparators A and C generates an active
match0 whilst match2 is suppressed.
If a write access to DBGC1 with the ARM bit position set occurs simultaneously to a hardware disarm
from an internal trigger event, then the ARM bit is cleared due to the hardware disarm.
Table 8-41. Trigger Priorities
Priority
Source
Action
Highest
XGATE
Immediate forced breakpoint......(Tracing terminated immediately).
TRIG
Trigger immediately to final state (begin or mid aligned tracing enabled)
Trigger immediately to state 0 (end aligned or no tracing enabled)
External TAGHI/TAGLO
Enter State0
Match0 (force or tag hit)
Trigger to next state as defined by state control registers
Match1 (force or tag hit)
Trigger to next state as defined by state control registers
Match2 (force or tag hit)
Trigger to next state as defined by state control registers
Lowest
Match3 (force or tag hit)
Trigger to next state as defined by state control registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com