công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1704310 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT

tên linh kiện 1704310
Giải thích chi tiết về linh kiện  SPT 2,5/14-V-5,0 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1704310 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT

  1704310 Datasheet HTML 1Page - PHOENIX CONTACT 1704310 Datasheet HTML 2Page - PHOENIX CONTACT 1704310 Datasheet HTML 3Page - PHOENIX CONTACT 1704310 Datasheet HTML 4Page - PHOENIX CONTACT 1704310 Datasheet HTML 5Page - PHOENIX CONTACT 1704310 Datasheet HTML 6Page - PHOENIX CONTACT 1704310 Datasheet HTML 7Page - PHOENIX CONTACT 1704310 Datasheet HTML 8Page - PHOENIX CONTACT 1704310 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical data
Product properties
Product line
COMBICON Terminals M
Product type
Printed circuit board terminal
Product family
SPT 2,5/..-V
Number of positions
14
Pitch
5 mm
Number of connections
14
Number of rows
1
Number of potentials
14
Pin layout
Linear pinning
Solder pins per potential
2
Electrical properties
Nominal current IN
24 A
Nominal voltage UN
400 V
Degree of pollution
3
Rated voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
Rated voltage (III/2)
400 V
Rated surge voltage (III/2)
4 kV
Rated voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
Connection data
Connection technology
Nominal cross section
2.5 mm²
Conductor connection
Connection method
Push-in spring connection
Conductor cross section rigid
0.2 mm² ... 4 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 12
Conductor cross section flexible, with ferrule without plastic
sleeve
0.25 mm² ... 2.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 1.5 mm²
Stripping length
10 mm
Specifications for ferrules without insulating collar
recommended crimping tool
1212034 CRIMPFOX 6
Cross section: 0.25 mm²; Length: 7 mm
Cross section: 0.34 mm²; Length: 7 mm
Cross section: 0.5 mm²; Length: 8 mm
ferrules without insulating collar, according to DIN 46228‑1
SPT 2,5/14-V-5,0 - PCB terminal block
1704310
https://www.phoenixcontact.com/us/products/1704310
Mar 11, 2024, 6:03 AM
Page 2 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com